전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SP-1A-R/N

  • AI
    The **M2SP-1A-R/N** is a specific model of an **Industrial Magnetic Proximity Sensor**, typically used for position sensing, speed detection, or limit switching in automated machinery. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The M2SP series is designed for non-contact detection of a magnetic target (usually a permanent magnet). | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Proximity Sensor | | **Output Type** | NPN (Normally Open) | | **Operating Voltage** | 5V - 24V DC | | **Switching Frequency** | High speed (typically up to 10kHz) | | **Detection Range** | Dependent on magnetic strength (usually 10mm - 30mm) | | **Connection Type** | Lead wire (typically 2-meter cable) | --- ### 2. Internal Electronic Structure The device functions based on the **Hall Effect** or a **Magnetoresistive** element. Unlike mechanical reed switches, these are solid-state components. * **Sensing Element:** A semiconductor that changes its electrical properties in the presence of a magnetic field. * **Amplifier Circuit:** Boosts the weak signal from the sensing element to a usable level. * **Schmitt Trigger:** Ensures a "clean" ON/OFF signal by preventing oscillation or flickering when the magnet is at the edge of the sensing range. * **NPN Output (The "/N" Suffix):** This signifies that the sensor acts as a **Sinking** output. When triggered, it connects the load to the negative (0V) rail. --- ### 3. Wiring Diagram The sensor typically follows a standard 3-wire DC color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Connect to positive power supply (12V/24V) | | **Blue** | GND (-) | Connect to 0V / Common | | **Black** | Out | Signal output (Load connects between Brown and Black) | --- ### 4. Key Advantages 1. **Non-Contact:** No physical wear and tear, leading to a significantly longer lifespan than mechanical switches. 2. **High Protection Rating:** Usually rated **IP67**, making it resistant to dust, oil, and water. 3. **High Speed:** Because it is electronic rather than mechanical, it can handle very fast switching cycles (revolutions per minute). 4. **Small Form Factor:** The "M2" designation often refers to a compact, threaded cylindrical or rectangular housing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NPN and PNP output for this sensor?
    • ⤷ What type of permanent magnet is recommended for the best sensing distance?
    • ⤷ Can this sensor be used for RPM counting in high-speed motors?