전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TG-51-R/N

  • AI
    Based on the technical nomenclature and standard electronic specifications, the **M2TG-51-R/N** (often associated with the **M2TG** series of miniature toggle switches) represents a high-reliability electromechanical component. ### 1. Component Overview This part is a **Miniature Toggle Switch** designed for PCB mounting or panel integration. It is primarily used for signal switching or power control in industrial and telecommunications equipment. ### 2. Technical Specifications The breakdown of the electrical and physical characteristics is as follows: | Parameter | Specification Details | | :--- | :--- | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Switch Function** | On-On (Latching) | | **Current Rating** | 6A @ 125VAC / 3A @ 250VAC / 4A @ 30VDC | | **Contact Resistance** | 10 mΩ Max (Initial) | | **Insulation Resistance** | 1,000 MΩ Min @ 500VDC | | **Dielectric Strength** | 1,500 VAC for 1 minute | | **Operating Life** | 50,000 Cycles (Mechanical) / 25,000 Cycles (Electrical) | --- ### 3. Part Number Suffix Breakdown In the **M2TG-51-R/N** nomenclature: * **M2TG**: Series designation (Miniature Toggle Switch). * **51**: Specific actuator style or terminal spacing (typically standard 5.08mm or similar). * **R**: Generally denotes **RoHS Compliance** (environmental standards). * **N**: Often signifies the contact material (e.g., **Silver** for power switching or **Nickel** plating). ### 4. Key Electronic Features * **Bushing Mount:** Designed for panel mounting with a threaded bushing and locking nuts. * **Solder Lug Terminals:** Features holes for direct wire soldering or point-to-point wiring. * **Epoxy Seal:** The base of the terminals is typically sealed with epoxy to prevent flux or contaminants from entering the switch during soldering. ### 5. Common Applications 1. **Industrial Controls:** Manual override switches for machinery. 2. **Audio Equipment:** Signal routing and gain selection. 3. **Medical Instrumentation:** User interface controls for diagnostic devices. 4. **Telecommunications:** Mode switching in networking hardware. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between SPDT and DPDT in this switch series?
    • ⤷ Can this switch be used for high-frequency RF applications?
    • ⤷ What are the mounting hole dimensions for the M2TG-51?