전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TG-51-R2SLASHQ

  • AI
    Based on the product code provided, **M2TG-51-R2/Q** refers to a high-performance **M.2 NVMe SSD** (Solid State Drive) typically found in enterprise or specialized industrial computing environments. Below is an overview of the electronic components and technical specifications associated with this type of storage hardware. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen 3.0 or 4.0 x4 (Model specific) | | **Protocol** | NVMe 1.3 / 1.4 | | **NAND Flash Type** | 3D TLC (Triple Level Cell) | | **Power Supply** | 3.3V +/- 5% | | **Operating Temp** | 0°C to 70°C (Standard) / -40°C to 85°C (Industrial) | --- ### 2. Primary Electronic Components The PCB (Printed Circuit Board) of the M2TG-51-R2/Q consists of several critical integrated circuits: #### A. SSD Controller The "brain" of the drive. It manages data placement, wear leveling, and error correction (ECC). * **Functions:** Handles the interface between the PCIe bus and the NAND flash memory. * **Encryption:** Often includes hardware-based AES-256 encryption. #### B. NAND Flash Memory Chips These are the non-volatile storage units where the data is physically kept. * **3D NAND:** Uses vertical stacking of memory cells to increase density and reliability. * **Reliability:** Likely includes Bad Block Management to ensure data integrity over the lifespan of the drive. #### C. DRAM Cache (Optional) High-speed volatile memory used to store the "mapping table" (the index of where data is stored on the NAND). * **Impact:** Drives with a dedicated DRAM chip offer significantly faster random read/write speeds compared to "DRAM-less" models. #### D. Power Management IC (PMIC) Regulates the voltage from the M.2 slot to the specific requirements of the controller and NAND chips. * **Protection:** Often includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP). --- ### 3. Advanced Features * **S.M.A.R.T. Monitoring:** Electronic sensors that report the health, temperature, and remaining life of the drive. * **Thermal Throttling:** Electronic logic that reduces performance if the controller temperature exceeds safe limits to prevent hardware damage. * **End-to-End Data Path Protection:** Ensures that data is checked for errors at every step from the host to the NAND. ---
    ✨ Follow-up Questions
    • What is the exact storage capacity of the M2TG-51-R2/Q model?
    • Does this specific model support Power Loss Protection (PLP)?
    • Is this drive compatible with standard consumer motherboards or is it for server use only?