전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TG-5D-R/N

  • AI
    The **M2TG-5D-R/N** is a specific part number typically associated with high-performance **solid-state relays (SSRs)** or industrial control switches, often utilized in power management and automation. Below is a breakdown of its electronic components, specifications, and internal logic. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical behavior: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 5V DC | The "5D" indicates a 5V Direct Current control signal. | | **Output Type** | Relay/Switch | Designed to toggle a secondary high-power circuit. | | **Switching Mode** | Zero Cross / Phase Control | Depends on specific sub-variant, usually Zero Cross for R/N. | | **Mounting Style** | PCB or DIN Rail | Standard industrial footprint for easy integration. | | **Indicator** | LED | Usually includes a built-in status LED for input signal verification. | --- ### 2. Internal Electronic Architecture The device is composed of several key stages that ensure safe electrical isolation and efficient switching: #### A. Input Circuit (Control Side) * **Current Limiting Resistor:** Protects the internal optocoupler from excessive current at 5V. * **Reverse Polarity Protection:** A diode prevents damage if the control wires are connected backwards. * **LED Indicator:** A visual diagnostic tool that lights up when the input circuit is energized. #### B. Isolation Stage * **Optocoupler:** This is the heart of the device. It uses light to transmit the "ON" signal from the 5V side to the high-voltage side. This provides **Galvanic Isolation**, protecting the low-voltage controller (like an Arduino or PLC) from high-voltage spikes on the load side. #### C. Output Circuit (Load Side) * **Triac or MOSFET:** The physical component that performs the switching. * **Snubber Circuit:** A combination of a resistor and capacitor (RC) used to suppress voltage spikes (dV/dt) that occur when switching inductive loads like motors or transformers. * **Zero-Crossing Detector:** Ensures the relay only turns on when the AC voltage waveform is at the zero point, minimizing Electromagnetic Interference (EMI) and electrical noise. --- ### 3. Application Use Cases The M2TG-5D-R/N is commonly used in the following scenarios: 1. **PID Temperature Controllers:** Rapidly switching heaters on and off to maintain a specific temperature. 2. **Industrial Automation:** Interfacing 5V logic from microcontrollers with 110V/220V AC machinery. 3. **Lighting Systems:** Controlling high-intensity discharge or LED arrays in stage or architectural lighting. --- ### 4. Wiring Diagram Logic To integrate this part, the wiring logic follows this standard flow: ```mermaid graph LR A[5V DC Controller] -->|VCC/GND| B(M2TG-5D Input) B -->|Optical Isolation| C(M2TG-5D Output) C -->|AC Line| D[Load: Motor/Heater] D -->|AC Neutral| E[Power Source] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2TG-5D-R/N output?
    • ⤷ Does this model require an external heat sink for continuous operation?
    • ⤷ How does the 'N' suffix differentiate it from the standard 'R' model?