전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TS-51-R2/

  • AI
    The **M2TS-51-R2** is a specialized electronic component, typically identified as a **high-precision, ultra-stable Quartz Crystal Oscillator** (often an Oven Controlled Crystal Oscillator or OCXO) or a high-performance **Timing Module**. These components are critical for telecommunications and synchronization systems. --- ### 1. Component Specifications The "M2TS" series generally refers to timing solutions designed for stability under varying environmental conditions. Below are the typical electronic characteristics for this part class: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | OCXO (Oven Controlled Crystal Oscillator) | | **Output Frequency** | Usually 10MHz or 20MHz (Standard for timing) | | **Frequency Stability** | ±0.1 ppb to ±5 ppb | | **Supply Voltage** | 3.3V or 5.0V DC | | **Operating Temp** | -40°C to +85°C | | **Interface** | LVCMOS / Sine Wave | --- ### 2. Core Electronic Sub-systems The internal architecture of the M2TS-51-R2 consists of several key electronic sections: 1. **The Quartz Resonator:** The heart of the unit, cut at a specific angle (usually SC-cut) to minimize frequency drift. 2. **Oven Control Circuit:** A heating element and a thermistor-based feedback loop that keeps the crystal at a precise "turnover temperature" (usually around 75°C-85°C). 3. **Buffer Amplifier:** Protects the internal oscillator from load changes and ensures a clean signal output. 4. **Voltage Regulator:** Internal LDO (Low Dropout Regulator) to ensure electrical noise on the power line does not jitter the frequency. --- ### 3. Application Areas Because of the **R2** revision (which usually signifies enhanced reliability or RoHS compliance), this part is found in: * **5G Base Stations:** Maintaining precise time-slots for data transmission. * **GPS/GNSS Disciplined Clocks:** Providing a stable holdover clock when satellite signals are lost. * **Test & Measurement Equipment:** Acting as a reference frequency for spectrum analyzers. --- ### 4. Comparison: OCXO vs. Standard TCXO | Feature | Standard TCXO | M2TS-51-R2 (OCXO class) | | :--- | :--- | :--- | | **Power Consumption** | Low (~20-50mW) | Higher (~1W to 3W during warmup) | | **Warm-up Time** | Instant | 3 to 5 minutes | | **Precision** | Medium | Ultra-High | ---
    ✨ Follow-up Questions
    • ⤷What is the specific output frequency of the M2TS-51-R2 model?
    • ⤷ How does the power consumption change during the 'warm-up' phase?
    • ⤷ What are the pinout configurations for this specific module?