전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TS-NA-R2/CE

  • AI
    The **M2TS-NA-R2/CE** is a specialized electronic component, typically categorized as a **Non-Contact Safety Switch** or a **Magnetic Proximity Switch**, often used in industrial automation and machine safety environments (frequently associated with brands like Omron or specialized safety sensor manufacturers). --- ### 1. Core Technical Specifications This device is designed to monitor the position of guards, gates, or doors to ensure machinery stops when a safety barrier is breached. | Feature | Description | | :--- | :--- | | **Type** | Non-Contact Magnetic Safety Switch | | **Contact Configuration** | Usually 2NC (Normally Closed) + 1NO (Normally Open) | | **Housing Material** | Heavy-duty Plastic or Stainless Steel (Application dependent) | | **Operating Distance** | Typically 5mm to 15mm (Make/Break) | | **Safety Rating** | SIL3 / PLe (When used with appropriate safety controller) | | **Certification** | CE Marked, UL Listed | --- ### 2. Electronic Operating Principle Unlike a standard mechanical limit switch, the M2TS-NA-R2/CE operates using **Magnetic Reed** or **Hall Effect** technology. * **Actuator Interaction:** The system consists of two parts: the sensor (switch) and a coded magnetic actuator. * **Switching Logic:** When the actuator is within the sensing range, the internal contacts change state. The "R2" designation often refers to the specific wiring configuration or the inclusion of internal resistors for short-circuit monitoring. * **Redundancy:** To meet CE safety standards, these devices utilize dual-channel wiring. If one internal contact fails, the safety controller detects the discrepancy and prevents the machine from restarting. --- ### 3. Wiring and Integration In a typical industrial setup, the electronic parts are wired into a **Safety Relay** or a **Safety PLC**. ```yaml # Simplified Wiring Logic Channel_1: S11 -> S12 (Monitoring Contact A) Channel_2: S21 -> S22 (Monitoring Contact B) Auxiliary: 31 -> 32 (Status Indication to standard PLC) ``` --- ### 4. Key Advantages 1. **Tamper Resistance:** Because it is magnetically coded, it cannot be easily bypassed with a simple magnet. 2. **Environmental Sealing:** Being non-contact, the internal electronics are often potted in resin (IP67 or IP69K), making them resistant to dust, water, and oil. 3. **No Mechanical Wear:** Without physical contact, the electronic lifespan is significantly longer than mechanical switches.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2TS-NA-R2/CE cable?
    • ⤷ Which safety relay models are compatible with this switch?
    • ⤷ What is the maximum switching voltage and current for the auxiliary contact?