전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-10-R2

  • AI
    The **M2TT-10-R2** is a specific electronic hardware component, typically identified as a **high-precision, miniature coaxial termination** (often referred to as a "dummy load"). These are used in RF (Radio Frequency) and microwave engineering to terminate a transmission line with a specific impedance. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed to prevent signal reflections by absorbing electrical energy and converting it into heat. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | RF Coaxial Termination (Load) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 18 GHz (varies by sub-series) | | **Connector Type** | Micro-miniature / Threaded (M2 series) | | **Power Rating** | 0.5W to 2W (Continuous) | | **VSWR** | < 1.20:1 (Voltage Standing Wave Ratio) | --- ## 2. Key Electronic Parts & Construction The M2TT-10-R2 is comprised of several critical internal layers: ### A. The Resistive Element The heart of the device is a **Thin-Film Resistor**. * **Material:** Usually Tantalum Nitride or Nichrome deposited on a ceramic substrate (like Alumina). * **Function:** It provides the precise 50-ohm resistance required to match the characteristic impedance of the system. ### B. The Center Contact (Pin) * **Material:** Beryllium Copper or Brass. * **Plating:** **Gold plating** is standard to ensure low contact resistance and prevent oxidation over long periods of use. ### C. The Dielectric Insulator * **Material:** PTFE (Teflon). * **Function:** Supports the center conductor while maintaining a consistent dielectric constant to ensure the signal does not distort as it enters the load. ### D. The Housing / Outer Shell * **Material:** Stainless Steel or Passivated Brass. * **Function:** Acts as the ground (outer conductor) and provides the mechanical interface (threads) for secure attachment to test equipment or PCB headers. --- ## 3. Applications The M2TT-10-R2 is used in environments where signal integrity is critical: 1. **Isolation:** Closing off unused ports on a power divider or directional coupler to prevent "noise" leakage. 2. **Calibration:** Used in lab environments to calibrate Vector Network Analyzers (VNAs). 3. **Circuit Protection:** Dissipating power in high-frequency circuits where an open port would cause damaging reflections (VSWR spikes). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M2TT-10-R2?
    • ⤷ How does the VSWR change as the frequency increases for this part?
    • ⤷ Is the M2TT-10-R2 compatible with standard SMA connectors?