전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-4F-R2/CE

  • AI
    The **M2TT-4F-R2/CE** is a high-precision, transducer-input signal conditioner (transmitter) from the M2 Series by **M-System**. It is designed to convert signals from strain gauge type transducers (such as load cells or pressure sensors) into a standardized DC output. --- ### ## Technical Specifications Overview Below are the core electronic characteristics and operational parameters for this specific model: | Component / Feature | Specification Details | | :--- | :--- | | **Input Type** | Strain gauge (4-wire or 6-wire) | | **Excitation Voltage** | 2V, 5V, or 10V DC (Adjustable) | | **Bridge Resistance** | 350 $\Omega$ or more | | **Output Signal** | 4 – 20 mA DC (Standard for R2/CE suffix) | | **Power Input** | 100 – 240V AC (indicated by /M2 or specific suffix) | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 to 90%) | | **Isolation** | Input to output to power (2000V AC) | --- ### ### Key Electronic Components & Functions 1. **Bridge Excitation Circuit**: This module provides a stable, regulated DC voltage to the external load cell. The "R2" designation often implies specific resistance and voltage stability ratings to prevent thermal drift. 2. **Differential Amplifier**: Since load cells output very small millivolt (mV) signals, the internal electronics use a high-gain instrumentation amplifier to boost the signal while rejecting common-mode noise. 3. **Isolation Barrier**: The unit utilizes optical or magnetic isolation to separate the field-side transducer from the control-side PLC/DCS. This protects sensitive electronics from ground loops and surges. 4. **Zero/Span Adjustments**: The front panel typically features multi-turn potentiometers. These allow for electronic calibration to compensate for "Tare" weight or sensor inaccuracies. --- ### ### Installation and Wiring Logic When integrating this part into a circuit, the wiring follows a specific logic to maintain signal integrity: ```markdown Terminal Connection Logic: 1. Terminals 1 (+) & 2 (-): Excitation Output to Transducer 2. Terminals 3 (+) & 4 (-): Signal Input from Transducer 3. Terminals 5 (+) & 6 (-): DC Current Output (4-20mA) 4. Terminals 7 & 8: AC/DC Power Supply Input ``` ### ### Model Suffix Meanings * **M2**: Mini-M Series (Plug-in base type). * **TT**: Transducer Transmitter. * **4F**: Specific gain/input range configuration for millivolt signals. * **R2**: Output 2 (typically 4-20mA DC). * **CE**: Compliance with European Safety and Electromagnetic Compatibility standards. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum distance allowed between the M2TT-4F and the load cell?
    • ⤷ How do I calibrate the Zero and Span for this specific model?
    • ⤷ Does this model support 4-wire or 6-wire transducer configurations?