전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-5D-R2/BL

  • AI
    The **M2TT-5D-R2/BL** is a specialized electronic component, typically categorized as a high-performance **Electromechanical Relay** or a specific type of **Miniature Power Switch/Relay module** used in industrial automation and signal switching. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for precision switching in environments requiring high reliability. | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay / Miniature Switch | | **Contact Configuration** | DPDT (Double Pole Double Throw) | | **Coil Voltage** | 5V DC (Standard for logic level control) | | **Color Code (/BL)** | Typically indicates "Blue" casing or specific mounting series | | **Mounting Type** | Through-hole (PCB Mount) or Socketable | --- ### 2. Core Electronic Parts & Functionality The internal architecture consists of several critical sub-components: #### A. The Electromagnetic Coil * **Voltage:** Rated at **5V DC**. * **Function:** When current flows through this copper coil, it generates a magnetic field that moves the internal armature. * **Power Consumption:** Designed for low power draw, making it compatible with microcontroller outputs (like Arduino or PLC logic) when paired with a transistor. #### B. Contact Mechanism (The Switch) * **DPDT Logic:** It controls two separate circuits simultaneously. Each circuit can be toggled between two different output paths. * **Material:** Often made of silver alloy or gold-clad contacts to minimize electrical resistance and prevent oxidation. #### C. The Housing (R2/BL Designation) * **Material:** High-temperature resistant plastic. * **Sealing:** Usually "Wash Tight" or "Sealed," allowing the part to undergo wave soldering and cleaning processes without damaging the internal mechanics. --- ### 3. Application Use Cases This component is frequently found in the following electronic systems: 1. **Telecommunications:** For switching signal paths without introducing significant noise. 2. **Medical Equipment:** Used in diagnostic tools where isolation between the control circuit and the patient-facing circuit is mandatory. 3. **Industrial Controls:** Reversing the polarity of small DC motors or switching between two different sensor inputs. --- ### 4. Schematic Representation In a circuit diagram, the M2TT-5D-R2/BL would be represented as follows: ```text [ Coil ] [ Switch Set 1 ] [ Switch Set 2 ] (+) --( )-- (-) COM1 --- NC1 COM2 --- NC2 | \ \ (Magnetic) NO1 NO2 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts on this relay?
    • ⤷ Can this relay be driven directly by a 5V microcontroller pin without a transistor?
    • ⤷ What are the physical dimensions and pin spacing for PCB layout?