전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-60-R2

  • AI
    The **M2TT-60-R2** is a specialized electronic component primarily used in high-frequency and high-speed signal environments. It is a high-performance **Coaxial Power Splitter/Combiner** or a specific type of **Transmission Line Transformer** depending on the manufacturer (most commonly associated with Mini-Circuits or similar RF component specialists). Below is a detailed breakdown of its electronic characteristics and construction. ### 1. Technical Specifications The device is designed to handle signals with minimal loss while maintaining impedance matching across a wide bandwidth. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Power Splitter / Transformer | | **Frequency Range** | Typically 5 MHz to 1000 MHz (VHF/UHF bands) | | **Impedance** | 50 Ohms (Standard) or 75 Ohms (Video/CATV) | | **Insertion Loss** | < 1.0 dB (typical) | | **Isolation** | > 20 dB between output ports | | **Package Type** | Surface Mount (SMD) or Plug-in | --- ### 2. Internal Electronic Parts and Construction The M2TT-60-R2 is composed of several critical sub-components that allow it to manipulate electromagnetic waves: * **Ferrite Core:** The "heart" of the component. High-permeability ferrite toroids are used to provide the inductive coupling necessary for signal splitting without physical contact between lines. * **Bifilar/Trifilar Windings:** Extremely thin copper wires (often 30-40 AWG) are wound around the ferrite core. The way these wires are twisted (coupling) determines the phase and amplitude balance. * **Substrate/Header:** A ceramic or flame-retardant epoxy base that holds the pins/pads in place. * **Resistor Network:** In many "T" type splitters, an internal 100-ohm or 150-ohm resistor is used to provide isolation between the output ports, preventing reflected signals from interfering with the source. --- ### 3. Functional Applications This part is typically found in the following electronic systems: 1. **Cable TV (CATV) Infrastructure:** Used to split a single incoming signal to multiple receivers without losing signal integrity. 2. **Test and Measurement:** Integrated into oscilloscopes or signal generators to sample a signal path. 3. **Broadband Communications:** Used in modems and routers to manage upstream and downstream data paths. ### 4. Circuit Representation In a schematic, the M2TT-60-R2 is represented as a three-port network: ```mermaid graph LR Input((Port 1: IN)) --- C{Core} C --- Out1((Port 2: OUT)) C --- Out2((Port 3: OUT)) Out1 -.- R[Internal Resistor] -.- Out2 ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific mounting requirements for the R2 package version?
    • ⤷ How does the insertion loss of the M2TT-60-R2 vary at higher frequencies?
    • ⤷ Can this component be used in 75-ohm impedance systems?