전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-61-R2

  • AI
    The **M2TT-61-R2** is a specific part number typically associated with **Rotary Switches** or high-precision electromechanical components, often manufactured by companies like **Nidec Copal Electronics** (or related industrial electronics firms). These parts are engineered for reliability in logic-level switching and circuit configuration. --- ## 1. Technical Specifications The "M2" series generally refers to subminiature rotary switches designed for PCB mounting. Below are the typical electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Rotary Selector Switch | | **Circuit Configuration** | SPDT (Single Pole Double Throw) or BCD (Binary Coded Decimal) | | **Current Rating** | 100mA @ 5V DC (Logic level) | | **Contact Resistance** | < 100 mΩ | | **Operating Temp** | -25°C to +70°C | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | --- ## 2. Key Electronic Components & Materials The internal construction of the M2TT-61-R2 utilizes several key materials to ensure signal integrity: 1. **Contacts:** Usually plated with **Gold (Au)** over Nickel. Gold is used because it prevents oxidation, which is critical for low-voltage electronic signals. 2. **Rotor/Actuator:** Often made of heat-resistant thermoplastic (like PPS or PBT) to withstand soldering temperatures. 3. **Housing:** A sealed structure to prevent flux or cleaning agents from entering the internal contact area during the manufacturing process. --- ## 3. Pinout and Functionality The "61-R2" suffix usually denotes the specific terminal arrangement and actuation style. * **Logic Switching:** These are often used as "set-and-forget" switches to configure hardware addresses or mode selections on a motherboard. * **Terminal Style:** The "R2" often indicates a right-angle terminal configuration, allowing the switch to be adjusted from the side of a PCB rather than the top. --- ## 4. Typical Applications * **Industrial Automation:** Setting ID addresses for sensors on a bus. * **Telecommunications:** Configuring line settings on networking hardware. * **Medical Equipment:** Internal mode selection for diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin configuration for the R2 variant?
    • ⤷ Can this switch be used for high-voltage power applications?
    • ⤷ How does gold plating improve the performance of this electronic part?