전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-70-R

  • AI
    The **M2TT-70-R** is a high-performance, ultra-broadband bias tee typically used in RF, microwave, and fiber optic communication systems. It is designed to inject DC current into an RF circuit without affecting the RF signal. --- ### 1. Key Technical Specifications The device is characterized by its wide frequency range and low insertion loss. | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 30 kHz to 70 GHz | | **Insertion Loss** | < 1.0 dB (typical) | | **Return Loss** | > 15 dB (typical) | | **Max DC Voltage** | 16V - 25V (varies by specific lot) | | **Max DC Current** | 250 mA - 500 mA | | **Connectors** | 1.85mm (V-type) Female/Male | --- ### 2. Functional Components The "Electronic Parts" within the M2TT-70-R comprise a specialized internal network designed to handle high-frequency signals. #### A. The High-Pass Path (RF + DC Port to RF Port) * **DC Blocking Capacitor:** This is the core component on the RF path. It allows the high-frequency AC signal to pass through while blocking the DC voltage from entering the sensitive RF source (like an analyzer or signal generator). * **Material:** Usually a high-Q, broadband ceramic or thin-film capacitor with minimal parasitic inductance. #### B. The Low-Pass Path (DC Port to RF + DC Port) * **Conical Inductor:** Unlike standard inductors, a conical inductor is used to provide high impedance across an extremely wide bandwidth (up to 70 GHz). * **Function:** It allows DC to flow to the output port but prevents the RF signal from "leaking" into the DC power supply. #### C. Housing and Connectors * **Housing:** Machined metal (often gold-plated brass or stainless steel) acts as a Faraday cage to prevent EMI/RFI interference. * **Connectors:** 1.85mm connectors are used because they are air-dielectric and can maintain impedance stability up to 70 GHz. --- ### 3. Common Applications The M2TT-70-R is primarily found in laboratory and infrastructure environments: 1. **Biasing Laser Diodes:** Providing the constant current needed for a laser while modulating it with high-speed data. 2. **Amplifier Testing:** Powering Active Components (MMICs) during characterization. 3. **High-Speed Networking:** Used in 400G/800G Ethernet component testing. --- ### 4. Simplified Internal Diagram ```mermaid graph LR RF_In[RF Port] --- Cap((Capacitor)) --- Output[RF + DC Port] DC_In[DC Port] --- Ind((Inductor)) --- Output ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of using 1.85mm connectors for 70 GHz applications?
    • ⤷ How does a conical inductor differ from a standard inductor in this device?
    • ⤷ What are the risks of exceeding the 500mA DC current limit?