전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-70-R/N

  • AI
    The **M2TT-70-R/N** is a specific type of industrial rotary joint (also known as a rotary union or slip ring assembly depending on the internal configuration) typically used for transmitting media or signals between a stationary source and a rotating component. Below is a breakdown of the electronic and mechanical characteristics of this component series. --- ### 1. General Specifications The "M2" series generally refers to high-speed, precision components. Here is a technical overview: | Feature | Description | | :--- | :--- | | **Model Type** | Rotary Joint / Union | | **Circuit Count** | Typically 2 main channels (indicated by the '2') | | **Max Pressure** | Varies by media (usually up to 1.0 - 2.0 MPa) | | **Max RPM** | High-speed capability (up to 3,000+ RPM depending on seals) | | **Connection Type** | Threaded or Flange (R/N suffix usually denotes thread type/direction) | --- ### 2. Key Components & Electronics While primarily a mechanical interface for fluid or air, the electronic integration involves sensors and conductivity paths: * **Integrated Slip Rings (Optional):** In many "M2" configurations, the unit may include electrical slip rings to transfer power or data (Ethernet, PLC signals) while the joint is spinning. * **Precision Bearings:** Utilizes high-grade ball bearings to minimize torque and electrical noise (EMI) if signals are being passed through. * **Sealing Technology:** Mechanical seals made of Silicon Carbide or Carbon Graphite to prevent leaks that could damage surrounding electronic sensors. * **Rotary Position Feedback:** Often paired with external encoders or proximity sensors to monitor the rotation speed and position. --- ### 3. Suffix Breakdown (R/N) The suffix in these model numbers is critical for installation: 1. **"R" (Right-Hand):** Indicates right-hand threads for the rotor connection. 2. **"N" (Nominal/Standard):** Can refer to standard porting or a specific mounting orientation. 3. **T/T:** Often refers to "Twin" or "Tandem" flow paths, allowing for both supply and return through a single joint. --- ### 4. Typical Applications These parts are commonly found in: * **Semiconductor Manufacturing:** For cooling rotating wafer chucks. * **CNC Machining:** Delivering coolant through the spindle. * **Robotics:** Passing pneumatic air and sensor signals through a 6th-axis wrist. * **Printing Presses:** Managing ink temperature through rotating drums. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the slip ring portion of this unit?
    • ⤷ Are there specific maintenance requirements for the mechanical seals in the M2TT series?
    • ⤷ How do I distinguish between the 'R' and 'L' thread types during installation?