전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-70-R2/CE

  • AI
    The **M2TT-70-R2/CE** is a high-precision, industrial-grade **Thermoelectric Cooling (TEC) Assembly** (also known as a Peltier cooler). It is designed for thermal management in electronics, medical devices, and laboratory equipment. --- ## 1. Technical Specifications The core electronic and thermal characteristics of the M2TT-70-R2/CE are summarized in the table below: | Parameter | Specification | | :--- | :--- | | **Cooling Power ($Q_{max}$)** | ~70 Watts | | **Nominal Voltage** | 24 VDC | | **Max Current ($I_{max}$)** | ~4.0 - 5.0 Amperes | | **Operating Temp Range** | -10°C to +60°C | | **Fan Type** | Ball bearing, High reliability | | **Control Method** | PWM or On/Off | | **Compliance** | CE Certified | --- ## 2. Key Electronic Components ### A. Thermoelectric Modules (TEM) The heart of the unit consists of Peltier semiconductor pellets. When a DC current flows through these semiconductors, it creates a temperature differential ($\Delta T$), pumping heat from the "cold" side plate to the "hot" side heat sink. ### B. DC Fans (Heat Dissipation) To prevent the unit from overheating, it utilizes high-efficiency DC fans. * **Role:** Forced convection to exhaust heat from the hot-side fins. * **Protection:** Usually includes polarity protection and locked-rotor protection. ### C. Temperature Sensors (Internal) Most versions of this assembly include an integrated **NTC Thermistor** or **RTD**. * **Function:** Provides feedback to an external controller to maintain a precise set-point. * **Safety:** Acts as a thermal cutout if the hot side exceeds safe limits. ### D. Wiring and Connectivity The unit typically features a multi-wire harness: 1. **Red/Black (Thick):** Main power to the Peltier modules. 2. **Red/Black (Thin):** Power to the cooling fans. 3. **Yellow/White (Optional):** Sensor leads for temperature monitoring. --- ## 3. Implementation and Control Because Peltier devices are sensitive to voltage ripples, the electronic integration should follow these guidelines: * **Power Supply:** Use a regulated DC power supply. High ripple currents (>10%) can reduce the efficiency and lifespan of the TEM. * **Control Logic:** It is recommended to use a **H-Bridge PWM Controller**. This allows the unit to switch between cooling and heating modes by reversing the current polarity. --- ## 4. Typical Applications * **Medical Diagnostics:** Cooling reagents or laser diodes. * **Industrial Electronics:** Cooling sensors in high-ambient environments. * **Food & Beverage:** Precise temperature cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum temperature differential (Delta T) this unit can achieve?
    • ⤷ Does this model require a specific type of PID controller for optimal efficiency?
    • ⤷ What are the mounting requirements to ensure proper heat transfer on the cold side?