전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-76-R2/CE

  • AI
    The **M2TT-76-R2/CE** is a high-precision, industrial-grade mechanical limit switch, typically manufactured by companies like **Azbil (formerly Yamatake)**. These switches are designed for heavy-duty applications requiring high environmental resistance and electrical reliability. ### 1. Key Technical Specifications The following table outlines the core electronic and physical parameters: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 1NO / 1NC (Single Pole Double Throw - SPDT) | | **Actuator Type** | Top Roller Plunger | | **Rated Voltage** | 250V AC / 125V DC (Typical) | | **Current Rating** | 10A (Resistive Load) | | **Protection Rating** | IP67 (Dust-tight and Water immersion) | | **Standard Compliance** | CE, UL, CSA | --- ### 2. Electronic Components and Operation The internal mechanism is designed to translate mechanical movement into an electrical signal. * **Snap-Action Mechanism:** The "M2" series usually utilizes a snap-action switch. This ensures that the transition between the Normally Open (NO) and Normally Closed (NC) states happens almost instantaneously, reducing electrical arcing and extending contact life. * **Contact Material:** High-quality silver or gold-plated contacts are used to ensure low contact resistance and high conductivity, even at low voltages. * **Insulation Resistance:** Designed to provide over 100 MΩ (at 500V DC) to prevent leakage currents between terminals. * **Dielectric Strength:** Capable of withstanding roughly 1,000V to 1,500V AC for one minute without breakdown. --- ### 3. Application Use Cases Because of its **R2 (Roller Plunger)** actuator and **CE** certification, it is frequently used in: 1. **Conveyor Systems:** Detecting the position of pallets or boxes. 2. **CNC Machinery:** Serving as an "End Stop" or "Home" position sensor. 3. **Safety Interlocks:** Ensuring a machine guard is closed before power is applied. 4. **Automated Assembly Lines:** Counting or timing the passage of mechanical arms. --- ### 4. Wiring Diagram Concept The terminal arrangement usually follows a standard industrial pattern: ```text Terminal 1 (COM) ---- Common Source Terminal 2 (NC) ---- Normally Closed (Circuit active when idle) Terminal 3 (NO) ---- Normally Open (Circuit active when pressed) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the M2TT series?
    • ⤷ How does the IP67 rating impact its performance in oily environments?
    • ⤷ What are the recommended wire gauges for these terminals?