전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-7A-R2/N

  • AI
    The **M2TT-7A-R2/N** refers to a specific configuration of a high-performance **solid-state power controller (SSPC)** or high-power electronic switch, typically manufactured by companies like **Data Device Corporation (DDC)** or similar aerospace-grade component providers. These parts are designed to replace traditional mechanical circuit breakers and relays in demanding environments. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic characteristics of this series: | Parameter | Specification (Typical) | |:---|:---| | **Voltage Rating** | 28V DC (Standard Aerospace/Defense range) | | **Current Rating** | 5A to 10A (Depending on specific R2 tuning) | | **Control Logic** | 3.3V or 5V CMOS/TTL Compatible | | **Channel Count** | Often Dual or Multi-channel configurations | | **Interface** | Discrete Control or Serial Bus (depending on suffix) | | **Operating Temp** | -55°C to +125°C (Military Grade) | --- ### 2. Core Electronic Components & Architecture The M2TT series utilizes several internal subsystems to manage power safely: #### A. MOSFET Switching Matrix Unlike a mechanical relay, this part uses **Power MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors) to gate the current. This eliminates "contact bounce" and prevents arcing, which is critical in high-altitude or explosive environments. #### B. Smart Current Sensing It features an internal **Current Shunt** and a differential amplifier. This allows the device to perform "I²t" protection: * **Instantaneous Trip:** For massive short circuits. * **Delayed Trip:** For minor overloads (mimicking the thermal curve of a physical breaker). #### C. Built-In Test (BIT) One of the "smart" features is the diagnostic feedback. The device can report: * **Status:** Is the switch open or closed? * **Health:** Is there a load present (Open Load Detection)? * **Faults:** Has the device overheated or tripped? --- ### 3. Key Electronic Advantages 1. **Solid-State Reliability:** No moving parts means it is immune to vibration and shock, which would cause mechanical breakers to fail. 2. **Fast Response Time:** It can disconnect a fault in microseconds ($\mu s$), significantly faster than a thermal breaker. 3. **Low Power Dissipation:** Designed with low $R_{DS(on)}$ (On-resistance) to minimize heat generation during high-current operation. 4. **Remote Reset:** Because it is electronically controlled, it can be reset via software or a control signal without a technician needing to access a physical breaker panel. --- ### 4. Common Applications * **Unmanned Aerial Vehicles (UAVs):** Managing power distribution to flight computers. * **Military Land Vehicles:** Controlling turret power or communication arrays. * **Satellite Systems:** High-reliability power switching in vacuum environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2TT-7A series?
    • ⤷ How does the I2t trip curve differ from a standard thermal circuit breaker?
    • ⤷ What is the maximum surge current this part can handle before failure?