전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-7A-R2SLASHK

  • AI
    The **M2TT-7A-R2SLASHK** is a specific technical part number typically associated with professional-grade video wall equipment, specifically from manufacturers like **Leyard** or **Planar**. It identifies a modular component, likely a receiving card or a controller interface for high-end LED displays. --- ## Technical Specifications & Characteristics Below is a breakdown of the electronic characteristics and functional components typically found in this module category: | Component Type | Description | Purpose | | :--- | :--- | :--- | | **Interface Controller** | High-speed FPGA or ASIC | Processes incoming video data into pixel-specific signals. | | **Connectivity** | LVDS or TTL Interfaces | Ensures high-speed, low-latency data transfer to LED modules. | | **Voltage Input** | DC Power (usually 3.3V - 5V) | Standard operational voltage for logic boards. | | **Firmware Storage** | EEPROM / Flash Memory | Stores configuration settings, color calibration, and ID. | --- ## Key Functional Parts ### 1. Data Processing Unit The heart of the board is an integrated circuit designed to handle **PWM (Pulse Width Modulation)**. This part ensures that each LED on the connected panel dims and brightens correctly to produce millions of colors with high refresh rates. ### 2. Signal Distribution (R2 Architecture) The "R2" in the part number often refers to the hardware revision. This version typically includes: * **Enhanced Signal Integrity:** Built-in resistors and capacitors to filter electromagnetic interference (EMI). * **Redundancy Pathing:** Circuitry that allows the signal to continue if one part of the data chain fails. ### 3. Thermal Management Since these parts operate in dense video wall environments, the board includes **thermal vias** and high-grade copper layers to dissipate heat away from the primary processors, preventing "thermal throttling" of the display. --- ## Typical Application These parts are not consumer-grade components. They are found in: * **Control Rooms:** Where 24/7 reliability is required. * **Broadcast Studios:** Where high refresh rates are needed to avoid flickering on camera. * **Digital Signage:** Large-scale outdoor or indoor LED billboards.
    ✨ Follow-up Questions
    • Is this part compatible with non-Planar LED cabinets?
    • What are the common failure symptoms of an M2TT receiving card?
    • Does this board require specific firmware flashing during replacement?