전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-7D-R

  • AI
    ## M2TT-7D-R Component Overview The **M2TT-7D-R** is a specific part number typically associated with **M2 series toggle switches** manufactured by **NKK Switches**. These components are widely used in industrial, medical, and aerospace applications due to their high reliability and compact design. --- ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the M2TT-7D-R: | Attribute | Specification | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuit Configuration** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-NONE-ON | | **Current Rating** | 6A @ 125V AC / 3A @ 250V AC | | **Termination Style** | PC Pin (Through-hole mounting) | | **Contact Material** | Silver / Gold plating options | | **Mechanical Life** | 100,000 cycles minimum | | **Operating Temp** | -30°C to +85°C | --- ### 2. Key Features and Construction The M2 series is known for its "Process Sealed" design, making it suitable for modern manufacturing environments. * **Antistatic Structure:** The internal mechanism is designed to minimize the risk of electrostatic discharge (ESD) damaging sensitive internal components. * **Bushing Mount:** Features a threaded bushing for secure panel mounting, providing stability against physical vibration. * **Sealing:** The switch is often sealed with an O-ring or epoxy to protect the internal contacts from flux, cleaning solvents, and environmental contaminants during the soldering process. * **Contact Mechanism:** Utilizes a "Cylindrical Contact" mechanism that ensures high contact reliability and consistent electrical conductivity. --- ### 3. Circuit Logic (DPDT) The Double Pole Double Throw (DPDT) configuration allows this switch to control two separate circuits simultaneously. ```text Position 1 (Left): Pole A connected to Pin 1 Pole B connected to Pin 4 Position 2 (Right): Pole A connected to Pin 2 Pole B connected to Pin 5 ``` --- ### 4. Common Applications * **Test and Measurement:** Used in handheld instruments and diagnostic tools. * **Telecommunications:** Signal switching in networking hardware. * **Control Panels:** Manual override switches in industrial automation. * **Audio/Visual:** Input selection in professional audio equipment.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M2TT and the M2B series switches?
    • ⤷ Can this switch be used for low-level logic switching applications?
    • ⤷ What is the recommended soldering temperature for the M2TT-7D-R?