M2TT-7F-R/N
AI

The **M2TT-7F-R/N** belongs to the **M2 series** of miniature toggle switches manufactured by **NKK Switches**. These components are widely recognized for their durability and compact footprint in PCB (Printed Circuit Board) applications.
---
## 1. Component Overview
The M2 series features a "Process Sealed" design, meaning these switches are built to withstand automated soldering and cleaning processes without internal contamination.
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | NKK Switches |
| **Series** | M2 |
| **Circuit Type** | DPDT (Double Pole, Double Throw) |
| **Switch Function** | ON-ON |
| **Actuator Style** | Standard Bat Lever |
| **Terminal Type** | PC Terminals (Through-hole) |
---
## 2. Technical Specifications
The electrical and physical characteristics of the M2TT-7F-R/N are optimized for low-to-medium power signal switching.
### Electrical Ratings
* **Current/Voltage Rating:**
* 6A @ 125V AC
* 3A @ 250V AC
* 4A @ 30V DC
* **Contact Resistance:** 10 milliohms maximum.
* **Insulation Resistance:** 1,000 Megohms minimum @ 500V DC.
* **Dielectric Strength:** 1,000V AC minimum between contacts for at least one minute.
### Mechanical & Environmental
* **Mechanical Life:** 100,000 operations minimum.
* **Electrical Life:** 25,000 operations minimum.
* **Operating Temp Range:** -30°C to +85°C (-22°F to +185°F).
* **Sealing:** Meets IP67 standards (Dust-tight and protected against immersion).
---
## 3. Physical Dimensions & Layout
The "7F" in the part number specifically refers to the terminal and bracket configuration.
### Terminal Configuration
* **Spacing:** Standard 2.54mm (0.100") pitch, ideal for breadboards and standard PCB grids.
* **Mounting:** This model is designed for **Vertical PC Mount** with a supporting bracket to provide mechanical stability during actuation.
---
## 4. Part Number Breakdown
Understanding the suffix helps in identifying the specific variant:
* **M2**: Series identifier.
* **T**: Toggle Actuator.
* **T**: DPDT (Double Pole Double Throw).
* **7**: Function (ON-NONE-ON).
* **F**: Right-angle or specific bracket mounting (PC terminals).
* **R/N**: RoHS Compliant / Standard material finish.
---
## 5. Typical Applications
Due to its sealed nature and DPDT configuration, this part is commonly used in:
1. **Industrial Controls:** Mode selection in rugged environments.
2. **Medical Equipment:** Portable diagnostic tools.
3. **Telecommunications:** Signal routing and power switching for networking gear.
4. **Audio Gear:** Channel switching or bypass toggles.
- ⤷
What is the difference between DPDT and SPDT for the M2 series?
- ⤷ Can the M2TT-7F-R/N be used for PWM signal switching?
- ⤷ What are the recommended soldering temperatures for this sealed switch?