전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2TT-N4-R/N

  • AI
    The **M2TT-N4-R/N** is a specialized electronic component, typically classified as a **Miniature Toggle Switch** or a specific industrial control switch. These parts are designed for high-reliability applications where manual control of a circuit is required in a compact form factor. --- ### Technical Specifications and Features The part number indicates specific mechanical and electrical characteristics. Below is a breakdown of its typical composition: | Feature | Specification | Description | | :--- | :--- | :--- | | **Switch Function** | DPDT (Double Pole Double Throw) | Controls two separate circuits, each with two output options. | | **Actuator Type** | Standard Lever | A metal or plastic toggle used to flip the internal contacts. | | **Mounting Type** | Panel Mount / PCB | Often features a threaded bushing for secure mounting through a panel. | | **Terminal Type** | Solder Lug or PC Pin | Depends on the specific sub-variant (N4 typically refers to PC terminals). | | **Contact Rating** | 6A @ 125VAC / 3A @ 250VAC | Defines the maximum current and voltage the switch can handle safely. | --- ### Internal Electronic Construction The internal mechanism of the M2TT series revolves around several key electronic materials: 1. **Contact Plating (Gold/Silver):** * **Silver (Standard):** Used for power applications to ensure high conductivity. * **Gold (Optional):** Often indicated by the "R" suffix in some catalogs, gold plating prevents oxidation and is used for "dry circuits" (very low current/logic levels). 2. **Housing (Diallyl Phthalate - DAP):** * The case is usually made of high-strength, heat-resistant plastic to prevent melting during soldering. 3. **Bushing & Frame:** * Usually constructed from nickel-plated brass or stainless steel to ensure mechanical durability and grounding capability. --- ### Schematic Representation In a circuit diagram, the M2TT-N4-R/N (as a DPDT switch) is represented as follows: ```text Circuit 1 Circuit 2 (Pole A) (Pole B) / / O---O (ON) O---O (ON) | | O (OFF/Common) O (OFF/Common) | | O---O (ON) O---O (ON) ``` --- ### Suffix Breakdown (General Nikkai/NKK Convention) * **M2T:** Series identifier (Miniature Process Compatible Toggle). * **N4:** Terminal style (Right-angle or specific PC terminal spacing). * **R/N:** This often refers to the **Environmental Rating** or **Contact Material**. "R" frequently denotes Gold contacts for logic-level switching, while "N" can refer to standard Silver.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the M2TT series?
    • ⤷ What is the difference between a DPDT and a SPDT switch configuration?
    • ⤷ How do I choose between gold and silver contacts for this switch?