M2TT-NF-R2/BL
AI

The **M2TT-NF-R2/BL** is a specific part number for a sub-miniature toggle switch manufactured by **NKK Switches**. This component is designed for logic-level applications and is commonly used in telecommunications, medical equipment, and networking devices.
---
### ## Technical Specifications
The following table outlines the core electronic and mechanical characteristics of the M2TT-NF-R2/BL:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | NKK Switches |
| **Series** | M2 Series (Process Sealed) |
| **Switch Function** | DPDT (Double Pole Double Throw) |
| **Operation** | ON - ON |
| **Contact Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Termination Style** | Straight PC Terminals with Bracket |
| **Actuator Style** | Small Bat Toggle |
| **Bushing** | Non-threaded |
| **Sealing** | IP67 (Process Sealed) |
| **Color** | Black (BL) |
---
### ## Key Electronic Features
### 1. Logic Level Reliability
Unlike standard power switches, this model is specifically engineered for **0.4VA maximum at 28V AC/DC**. It utilizes gold-plated contacts to ensure high reliability in low-energy circuits where oxide buildup on standard silver contacts would cause failure.
### 2. DPDT Configuration
The **Double Pole Double Throw** configuration means the switch controls two separate circuits simultaneously, with two possible "ON" positions for each pole. This is ideal for switching between two different signal paths or reversing polarity.
### 3. Process Sealed Construction
The "NF" designation indicates that the device is fully sealed.
- **Automated Soldering:** It can withstand wave soldering.
- **Cleaning:** The internal contacts are protected against flux, solvents, and environmental contaminants during the PCB cleaning process.
### 4. Mounting Design
The **R2** suffix denotes the mounting hardware, specifically a **Straight PC mount with a support bracket**. This provides mechanical stability when soldered onto a PCB, preventing the solder joints from cracking under the stress of toggling.
---
### ## Applications
- **Handheld Devices:** Due to its sub-miniature size.
- **Medical Instrumentation:** Where high reliability and sealing are required.
- **Control Panels:** Used for mode selection in industrial computers.
- **Audio/Video Equipment:** Switching low-voltage signals without noise interference.
- ⤷
What is the difference between silver and gold contacts in NKK switches?
- ⤷ Can this switch be used for high-voltage AC applications?
- ⤷ How does the 'Process Sealed' rating affect the assembly process?