전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-00-R

  • AI
    The **M2UDS-00-R** is a specific electronic component, typically associated with industrial automation and sensing technology. It is most commonly identified as a **Cylindrical Proximity Sensor** or a related accessory (such as a connector or mounting kit) from manufacturers like **OMRON** or similar industrial suppliers. Below is an explanation of its electronic and physical characteristics. --- ### 1. General Specifications The "M2" prefix usually denotes an M12 thread size, while the "UDS" suffix often refers to its sensing method or output configuration. | Feature | Description | | :--- | :--- | | **Component Type** | Inductive Proximity Sensor / Connector | | **Housing Diameter** | M12 (12mm metric thread) | | **Material** | Usually Nickel-plated brass or Stainless steel | | **Output Type** | Typically DC 3-wire or AC/DC 2-wire (depending on specific sub-series) | | **Connection Type** | Connectorized (R-suffix often indicates a specific cable or rotatable connector) | --- ### 2. Key Electronic Characteristics Electronic sensors like the M2UDS-00-R operate based on electromagnetic field changes. Here are the core electronic parts: * **Oscillator Circuit:** Generates a high-frequency electromagnetic field from the sensing face. * **Schmitt Trigger:** A circuit that converts the analog signal from the oscillator into a clean "High" or "Low" digital signal. * **Output Amplifier:** Usually a Transistor (NPN or PNP) that handles the switching of the external load. * **Protection Circuitry:** Often includes: * **Reverse Polarity Protection:** Prevents damage if wires are connected backwards. * **Surge Suppressor:** Absorbs voltage spikes from inductive loads. * **Short-circuit Protection:** Shuts down the output if the current exceeds safe levels. --- ### 3. Pinout and Connection (M12 Standard) If the device is a standard M12 4-pin electronic part, the wiring typically follows this logic: | Pin Number | Color | Function | | :--- | :--- | :--- | | **1** | Brown | Positive Power Supply (+VDC) | | **2** | White | Secondary Output (NC or Analog) | | **3** | Blue | Negative Power Supply (0V) | | **4** | Black | Primary Switching Output (NO) | --- ### 4. Typical Applications * **Object Detection:** Detecting the presence of metallic parts on a conveyor. * **Positioning:** Ensuring a robotic arm or machine slide is at its "home" position. * **Counting:** High-speed counting of metal components in manufacturing.
    ✨ Follow-up Questions
    • ⤷ What is the sensing distance for the M2UDS-00-R?
    • ⤷ Is this part NPN or PNP logic compatible?
    • ⤷ Does the '-R' suffix signify a right-angle connector or a specific environmental rating?