전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-00-R/N

  • AI
    The **M2UDS-00-R/N** is a specific electronic component typically associated with industrial automation and control systems, often identified as a **Digital Potentiometer** or a **Digital Setting Unit** from manufacturers like *M-System*. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This device is designed to convert digital inputs (via front-panel buttons) into a simulated analog output, used to provide setpoints for controllers or speed references for inverters. | Feature | Specification | | :--- | :--- | | **Model Series** | M2UDS (Ultra-Slim Signal Conditioners) | | **Input Type** | Manual Digital Setting (Front Up/Down keys) | | **Output Type** | DC Voltage or Current (Standard 4-20mA or 1-5V) | | **Display** | 4-digit LED (Red/Green options) | | **Power Input** | 100–240V AC or 24V DC (depending on suffix) | | **Mounting** | DIN Rail Mounting | --- ### 2. Key Electronic Components & Interfaces The internal circuitry of the M2UDS-00-R/N is divided into several functional blocks: * **Microprocessor Control:** Manages the digital logic, storing the setpoint in non-volatile memory (EEPROM) so the value is retained even after a power failure. * **D/A Converter (Digital to Analog):** The core component that translates the digital value shown on the LED into a high-precision analog signal. * **Isolation Circuitry:** Provides galvanic isolation between the power supply, input controls, and the analog output to prevent ground loops and protect connected equipment. * **User Interface:** * **Up/Down Keys:** For incrementing/decrementing values. * **Function Keys:** For scaling and parameter configuration. --- ### 3. Model Suffix Breakdown The "R/N" part of the model number refers to specific power and aesthetic configurations: * **M2UDS:** Basic Model series. * **00:** Indicates specific input/output configuration (standard variable). * **R:** Usually indicates the **Power Input** (e.g., 24V DC). * **N:** Indicates the **Display Color** or a specific terminal type (often "N" stands for Red LED or standard screw terminals depending on the specific manufacturer catalog year). --- ### 4. Technical Advantages 1. **High Resolution:** Unlike mechanical potentiometers, digital units do not suffer from "wiper wear" or contact noise. 2. **Ramp Function:** Many units in this series allow the user to program a "ramp rate," meaning the output signal changes gradually even if the user holds the button down. 3. **Space Efficiency:** The "Ultra-Slim" design (usually around 12.5mm to 29mm wide) allows for high-density installation in control panels. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 4-20mA output version?
    • ⤷ How do I program the scaling limits on the M2UDS?
    • ⤷ Does this model support Modbus communication for remote setting?