전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-00-R2

  • AI
    Based on the identification of the **M2UDS-00-R2**, this model number typically refers to a specific series of **Ultrasonic Distance Sensors** or high-precision industrial measurement modules. These are often used in automated liquid level sensing, proximity detection, and industrial IoT applications. Below is an overview of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Key Technical Specifications The "R2" suffix often denotes a revision or a specific communication interface (such as RS485 or specific Analog output). | Parameter | Typical Value / Range | | :--- | :--- | | **Operating Voltage** | 10V - 30V DC | | **Detection Range** | 100mm to 2000mm (Variable by model) | | **Output Type** | RS485 (Modbus RTU) or 4-20mA Analog | | **Transducer Frequency** | 200 kHz - 300 kHz | | **Accuracy** | ±1mm or 0.2% of full range | | **Operating Temp** | -20°C to +70°C | --- ### 2. Internal Electronic Components The device consists of several critical electronic sub-systems: #### A. Ultrasonic Transducer (Piezoelectric) * **Function:** Converts electrical energy into ultrasonic sound waves and vice versa. * **Material:** Lead Zirconate Titanate (PZT) ceramic. * **Role:** It emits a pulse and then listens for the "echo" reflecting off an object. #### B. Signal Processing Unit (MCU) * **Microcontroller:** Typically an ARM Cortex-M or similar high-speed MCU. * **Logic:** It calculates the **Time of Flight (ToF)**. Since the speed of sound is known, the distance is calculated as $D = (t \times v) / 2$. #### C. Analog Front End (AFE) * **Amplifiers:** Used to boost the tiny electrical signals received by the transducer. * **Filters:** Band-pass filters are used to remove ambient noise and focus only on the specific frequency of the transducer. #### D. Power Management * **Buck/Boost Converters:** Regulates the industrial 24V input down to 3.3V or 5V for the internal logic. * **Protection:** Includes TVS (Transient Voltage Suppressor) diodes to protect against surges. --- ### 3. Connection Pinout (Typical) If the unit uses an M12 or standard 4-wire connector, the internal wiring usually follows this logic: 1. **Brown (V+):** Positive Power Supply (12/24V). 2. **Blue (GND):** Negative/Common Ground. 3. **Black (Signal/A):** RS485-A or Pulse Output. 4. **White (Signal/B):** RS485-B or Analog 4-20mA. --- ### 4. Implementation Use-Cases * **Level Control:** Measuring the depth of liquids in tanks without physical contact. * **Anti-Collision:** Used on AGVs (Automated Guided Vehicles) to detect obstacles. * **Diameter Measurement:** Detecting the thickness of rolls (paper, plastic) in manufacturing.
    ✨ Follow-up Questions
    • ⤷ What is the specific Modbus register map for the M2UDS-00-R2?
    • ⤷ How do I calibrate the dead-zone for this ultrasonic sensor?
    • ⤷ What is the IP rating for the housing of this specific model?