전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-0F-R/N

  • AI
    ## Overview of the M2UDS-0F-R/N The **M2UDS-0F-R/N** is a specialized electronic component, typically categorized as a **Micro-USB 2.0 Connector**. It is designed for surface mount technology (SMT) applications and is commonly used in consumer electronics for charging and data transfer. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Micro-USB Type B | | **Gender** | Female (Receptacle) | | **Mounting Type** | Surface Mount (SMT) / Right Angle | | **Number of Pins** | 5 Pins | | **Current Rating** | ~1.0A - 1.8A (depending on manufacturer) | | **Voltage Rating** | 30V AC/DC | | **Durability** | ~10,000 Mating Cycles | --- ### Detailed Component Analysis #### 1. Physical Construction * **Housing:** Usually made of high-temperature thermoplastic (LCP or Nylon) capable of withstanding reflow soldering temperatures. * **Contacts:** Copper alloy with gold plating on the contact area to ensure low electrical resistance and prevent corrosion. * **Shell:** Stainless steel or copper alloy with nickel plating, providing structural integrity and EMI shielding. #### 2. Pin Configuration (5-Pin Layout) As a standard Micro-USB connector, the pinout follows this logic: 1. **VBUS:** +5V Power. 2. **D-:** Data Negative. 3. **D+:** Data Positive. 4. **ID:** Identification (distinguishes between Host/Slave in OTG). 5. **GND:** Ground. #### 3. Mounting Features * **SMT Leads:** The signal pins are soldered directly to the surface pads of the PCB. * **Shell Tabs:** These are often "through-hole" or "SMT" tabs that provide mechanical anchoring to the board, preventing the connector from being ripped off during cable insertion/removal. --- ### Implementation Code (Example Footprint Naming) In PCB design software (like Altium or KiCad), this part might be referenced or defined in a library as follows: ```text Library Name: Connectors_USB Footprint: USB_Micro-B_M2UDS-0F Description: 5-pin Micro USB 2.0 Receptacle, Right Angle, SMT ``` --- ### Common Applications * **Mobile Devices:** Smartphones, tablets, and e-readers. * **Peripherals:** Wireless mice, keyboards, and headphones. * **IoT Modules:** Powering ESP32 or Arduino-based development boards. * **Battery Chargers:** Portable power banks and charging docks.
    ✨ Follow-up Questions
    • ⤷What are the specific soldering temperature profiles for the M2UDS-0F-R/N?
    • ⤷ Does this connector support USB On-The-Go (OTG) functionality?
    • ⤷ What is the difference between the -R and -N suffixes in this part number?