전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-15-R

  • AI
    The **M2UDS-15-R** is a specific electronic component within the **M2 Series** of signal conditioners manufactured by **M-System** (now part of MG CO., LTD). It is primarily a **digital-to-analog (D/A) converter** or a signal isolator/transmitter. Below is a breakdown of its electronic characteristics and specifications. ### 1. Model Breakdown The alphanumeric code provides specific details about the internal electronic configuration: | Part Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2UDS** | Model Series | Digital Signal Input Signal Conditioner | | **1** | Power Input | 100 – 240V AC | | **5** | Input Type | RS-485 (Modbus RTU) | | **R** | Output Type | 4 – 20 mA DC | --- ### 2. Electronic Specifications The M2UDS-15-R serves as an interface between a digital controller (like a PLC or PC) and an analog field device. #### Input Characteristics (Digital) * **Interface:** RS-485. * **Protocol:** Modbus RTU. * **Data Speed:** Typically adjustable via internal DIP switches (e.g., 38400, 19200, 9600 bps). * **Isolation:** The RS-485 circuit is optically isolated from the power and output stages. #### Output Characteristics (Analog) * **Signal:** 4 to 20 mA DC. * **Load Resistance:** Maximum 550 $\Omega$. * **Accuracy:** Typically ±0.1% of span. * **Response Time:** $\leq$ 0.5 seconds (0 to 90%). #### Power & Environment * **Supply Voltage:** 100V – 240V AC (Operating range 85 – 264V AC). * **Frequency:** 50/60 Hz. * **Power Consumption:** Approx. 3 VA. * **Mounting:** DIN Rail (standard 35mm). --- ### 3. Internal Circuit Block Diagram Electronically, the device is divided into four isolated sections to prevent noise interference and ground loops: 1. **MCU (Microcontroller Unit):** Receives Modbus registers from the RS-485 input, processes the data, and scales it. 2. **D/A Converter:** Converts the digital value from the MCU into a high-precision analog voltage/current. 3. **Output Buffer/Amplifier:** Drives the 4-20mA current loop through the connected load. 4. **Isolation Transformer:** Provides galvanic isolation (usually 2000V AC) between Power, Input, and Output. --- ### 4. Application Use Case The M2UDS-15-R is used when a control system needs to drive an analog actuator (like a valve positioner or a variable frequency drive) but only has a digital communication bus (RS-485) available. Instead of buying an expensive analog output card for a PLC, you can send a digital command over Modbus to this module, which then generates the physical 4-20mA signal locally.
    ✨ Follow-up Questions
    • ⤷ How do you configure the Modbus address and baud rate on this unit?
    • ⤷ What is the specific terminal wiring diagram for the RS-485 input?
    • ⤷ Are there alternative models for voltage output instead of current?