전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-150-R/N

  • AI
    The **M2UDS-150-R/N** is a specific model within the **M2UDS Series** of universal digital indicators/controllers, typically manufactured by companies like **Shimaden**. These devices are designed for industrial process monitoring and control. --- ### 1. Key Technical Specifications Based on the model nomenclature, here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | Multi-input (Thermocouples, RTDs, DC Voltage/Current) | | **Output (R/N)** | **R**: Relay Contact Output / **N**: None (or standard logic) | | **Power Supply** | Usually 100-240V AC (Standard) or 24V DC (Optional) | | **Display** | 4-digit LED display for Process Value (PV) | | **Accuracy** | Approximately ±0.3% of full scale | | **Sampling Period** | Approx. 0.25 to 0.5 seconds | --- ### 2. Internal Electronic Components The device functions through several integrated circuit (IC) layers: * **A/D Converter (Analog-to-Digital):** Converts the analog signal from sensors (like a PT100 or Type K thermocouple) into a digital signal that the microprocessor can read. * **Microprocessor Unit (MCU):** The "brain" that executes scaling, filtering, and comparison logic against set points. * **Isolation Circuitry:** High-quality optoisolators are used to protect the internal electronics from power surges on the input or output lines. * **Relay Drive (The "R" suffix):** Contains a physical electromagnetic relay or a Solid State Relay (SSR) driver to trigger external alarms or heaters. --- ### 3. Wiring and Terminals The back of the M2UDS unit features a terminal block typically organized as follows: 1. **Power Terminals:** Pins for L (Live) and N (Neutral). 2. **Input Terminals:** 3-wire RTD or 2-wire Thermocouple/DC connections. 3. **Output Terminals:** Common (COM), Normally Open (NO), and Normally Closed (NC) contacts for the relay. --- ### 4. Programming Logic The device is configured via the front panel buttons. The electronic firmware allows for: * **Scaling:** Mapping a 4-20mA signal to a specific range (e.g., 0-100.0%). * **Filtering:** Digital noise reduction for unstable signals. * **Alarm Logic:** Setting "High" or "Low" trip points for the relay output. ---
    ✨ Follow-up Questions
    • ⤷What is the specific wiring diagram for the RTD input on this model?
    • ⤷ Can the M2UDS-150 be converted from Relay to SSR output via settings?
    • ⤷ How do I perform a factory reset on the M2UDS series?