전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-160-R2

  • AI
    The **M2UDS-160-R2** is a specific electronic component typically associated with industrial automation and control systems, specifically serving as a **Micro-Stepping Motor Driver** or a specialized **Motor Controller**. Below is a detailed breakdown of its electronic characteristics and functional components. --- ## 1. Technical Specifications Overview This device is designed to translate low-level logic signals into high-current power pulses to drive stepper motors with high precision. | Feature | Description | | :--- | :--- | | **Device Type** | Micro-stepping Motor Driver | | **Input Voltage** | Typically 24V DC to 40V DC (Varies by application) | | **Phase Current** | Up to 1.6A or 2.0A (Model dependent) | | **Control Interface** | Pulse/Direction (P/D) or CW/CCW logic | | **Resolution** | Micro-stepping capabilities (e.g., 1/2, 1/4, 1/8, 1/16) | | **Mounting** | DIN-Rail or PCB Integrated | --- ## 2. Key Electronic Internal Sections ### A. The Power Stage (H-Bridge) The core of the M2UDS-160-R2 consists of high-speed **MOSFETs** or **IGBTs** arranged in an H-Bridge configuration. This allows the driver to: * Reverse the polarity of the current flowing through the motor coils. * Control the torque and speed via Pulse Width Modulation (PWM). ### B. Micro-stepping Logic Unlike standard "Full-Step" drivers, the "UDS" series utilizes micro-stepping. This electronically divides a single 1.8° step into smaller increments by modulating the current in a sine-cosine relationship. * **Result:** Reduced vibration, lower noise, and higher positioning resolution. ### C. Signal Isolation To protect the sensitive PLC or Microcontroller driving the unit, the input signals are usually **Opto-isolated**. * **Input Pins:** Pulse (Step), Direction (Dir), and Enable (Ena). * **Protection:** High common-mode rejection to prevent electromagnetic interference (EMI). --- ## 3. Wiring and Pinout Categories The electronic connections are generally grouped into three main blocks: 1. **Power Input:** Terminals for DC Voltage (+V) and Ground (GND). 2. **Motor Output:** Four terminals for the Stepper phases (A+, A-, B+, B-). 3. **Logic Inputs:** Low-voltage terminals for the control signals from the master controller. --- ## 4. Setting Configurations (DIP Switches) The unit typically features a row of small DIP switches on the side. These electronically configure: * **Current Limit:** Preventing motor burnout by capping the Amperage. * **Step Resolution:** Selecting how many pulses equal one full rotation. * **Idle Current Reduction:** Automatically lowering current when the motor is stationary to reduce heat.
    ✨ Follow-up Questions
    • ⤷ What are the specific DIP switch settings for the M2UDS-160-R2 current limits?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on this driver?
    • ⤷ What is the maximum pulse frequency supported by the M2UDS-160-R2 logic inputs?