전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-41-R

  • AI
    The **M2UDS-41-R** is a specific electronic component, typically categorized as a **Digital Potentiometer (DigiPot)** or a **Digital Control Switch** often used in automotive or industrial control panels. It is part of a series often utilized for user interface adjustments where a physical rotation or press is converted into digital signals. --- ### Technical Specifications Overview While specific data sheets can vary by manufacturer (often associated with brands like *Alps Alpine* or similar precision component makers), here are the general technical characteristics: | Parameter | Typical Value / Description | |:---|:---| | **Type** | Incremental Encoder / Digital Control | | **Circuitry** | SPST (Single Pole Single Throw) or Matrix | | **Number of Positions** | Often 4-position or multi-detent | | **Mounting Type** | Surface Mount (SMD) or Through-hole (depending on suffix) | | **Termination Style** | Gulls-wing or J-lead pins | | **Operating Force** | 1.6N to 4.0N (depending on internal spring) | | **Life Cycle** | 30,000 to 100,000 cycles | --- ### Internal Electronic Structure The "41-R" designation usually refers to a specific configuration of the internal contact traces and the physical layout. 1. **Rotary Mechanism**: Uses a rotating wiper that makes contact with fixed metallic pads on a PCB substrate inside the housing. 2. **Detent Spring**: A mechanical ball-and-socket or leaf spring system that provides tactile feedback (the "click") to the user. 3. **Encoding Logic**: * **Gray Code**: Most of these parts output a Gray code or 2-bit quadrature signal to prevent "ghosting" or errors during transitions between states. * **Common Terminal**: One pin acts as a common ground or VCC, while other pins output pulses based on movement. --- ### Typical Pinout Configuration | Pin Number | Function | Description | |:---:|:---|:---| | 1 | Signal A | Output pulse for direction/step sensing. | | 2 | Common (COM) | Connected to Ground or Voltage supply. | | 3 | Signal B | Phase-shifted pulse to determine clockwise/counter-clockwise. | | 4 | Switch (Push) | If equipped with a "push-to-select" function. | --- ### Applications * **Automotive**: Climate control knobs, volume wheels, and menu navigation. * **Consumer Electronics**: Microwave timers, digital thermostats, and high-end audio equipment. * **Industrial**: Parameter adjustment on PLC interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2UDS-41-R?
    • ⤷ How do I debounce the signal from this encoder in a microcontroller?
    • ⤷ Is there a direct alternative or equivalent part for the M2UDS series?