M2UDS-45W-R2
AI

Based on the product code **M2UDS-45W-R2**, this typically refers to a **45-Watt Medical Grade Power Supply Unit (PSU)**, often utilized in healthcare or high-reliability industrial applications.
Below is an overview of its electronic components and specifications.
---
### 1. General Specifications
The "M2UDS" series is designed for efficiency and safety compliance.
| Feature | Specification |
| :--- | :--- |
| **Output Power** | 45 Watts |
| **Input Voltage Range** | 90 ~ 264 VAC (Universal Input) |
| **Output Type** | Single or Multiple DC Rails (Model dependent) |
| **Safety Standard** | IEC/EN 60601-1 (Medical Certification) |
| **Leakage Current** | Low (typically < 100µA) for patient safety |
---
### 2. Key Electronic Components
A medical-grade power supply of this type consists of several critical stages:
#### A. Input Filtering & Protection
* **EMI Filter:** Chokes and X/Y capacitors to suppress electromagnetic interference.
* **Fuse & MOV:** A Metal Oxide Varistor (MOV) protects against voltage surges, while the fuse provides over-current protection.
* **Bridge Rectifier:** Converts AC input to pulsating DC.
#### B. Power Conversion (DC-DC)
* **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain steady output voltage.
* **Switching MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses.
* **Transformer:** Provides galvanic isolation (crucial for medical safety) between the high-voltage AC side and the low-voltage DC side.
#### C. Output Rectification & Regulation
* **Schottky Diodes:** Used for high-speed rectification on the secondary side.
* **Electrolytic Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors are used to smooth the DC ripple.
* **Optocoupler:** Provides feedback from the output to the input controller while maintaining electrical isolation.
---
### 3. Safety and Design Features
The "R2" suffix often denotes a specific **Revision** or **RoHS 2** compliance level.
1. **Isolation Voltage:** Typically rated for 4000VAC between primary and secondary circuits.
2. **Protection Circuits:**
* **OVP:** Over Voltage Protection.
* **OCP:** Over Current Protection.
* **SCP:** Short Circuit Protection.
3. **Cooling:** Usually designed for **Convection Cooling** (no fan required), which is ideal for quiet medical environments and reduces points of mechanical failure.
---
- ⤷
Does this power supply have specific pinout diagrams for the output connector?
- ⤷ What are the exact output voltage options available for the 45W model?
- ⤷ Is this unit certified for CF (Cardiac Floating) type medical applications?