전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-4WA-R/N

  • AI
    The **M2UDS-4WA-R/N** belongs to the M2UDS series of high-performance Solid State Drives (SSDs) utilizing the **U.2 (SFF-8639)** form factor. This specific model is designed for enterprise-level applications, focusing on reliability and high-speed data throughput. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Form Factor** | U.2 (SFF-8639), 2.5-inch 15mm | | **Interface** | PCIe Gen4 x4 | | **Protocol** | NVMe 1.4 | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity Class** | 3.84TB / 4TB (Approximate) | | **Read/Write Speeds** | Sequential Read up to 7,000 MB/s; Write up to 4,000 MB/s | --- ### 2. Core Electronic Components The architecture of the M2UDS-4WA-R/N consists of several critical electronic sub-systems: #### A. The SSD Controller The "brain" of the device. It manages the PCIe interface and maps data to the NAND cells. * **Functions:** Error Correction Code (ECC), Wear Leveling, Bad Block Management, and Thermal Throttling. * **Encryption:** Supports AES 256-bit hardware encryption for data security. #### B. 3D TLC NAND Flash This is the non-volatile storage area where data resides. * **Architecture:** Multiple layers of cells stacked vertically to increase density. * **Durability:** Optimized for high Drive Writes Per Day (DWPD) typical in data center environments. #### C. DRAM Cache High-speed volatile memory (LPDDR4) used to store the **L2P (Logical to Physical)** mapping table. * **Benefit:** Significantly reduces latency and improves random IOPS (Input/Output Operations Per Second) by avoiding direct NAND lookups for metadata. #### D. Power Loss Protection (PLP) A critical feature for the "-R/N" enterprise variants. * **Capacitor Bank:** Includes a row of tantalum or polymer capacitors. * **Function:** In the event of a sudden power failure, these capacitors provide enough residual energy to flush the data currently in the DRAM cache to the permanent NAND flash, preventing data corruption. --- ### 3. Physical Interface and Thermal Design * **SFF-8639 Connector:** Unlike standard consumer M.2 drives, the U.2 interface provides more pins for dual-port capabilities and better power delivery. * **Heatsink Enclosure:** The drive is encased in a thick aluminum alloy shell. This acts as a passive heatsink, dissipating heat generated by the controller and NAND during heavy workloads to maintain stable performance. --- ### 4. Part Number Breakdown (Inference) * **M2UDS:** Series identifier (NVMe U.2 Enterprise). * **4W:** Likely indicates capacity (approx. 4TB). * **-R/N:** Typically denotes specific firmware or hardware revisions, often indicating "Read Intensive" or "Standard" endurance levels with specific PLP configurations.
    ✨ Follow-up Questions
    • ⤷What are the specific IOPS ratings for the M2UDS-4WA-R/N?
    • ⤷ How does the U.2 form factor compare to M.2 in terms of thermal management?
    • ⤷ What is the rated endurance (DWPD) for this specific model?