전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-50-R

  • AI
    The **M2UDS-50-R** is a specific model within the **M2UDS Series** of digital panel meters, typically manufactured by companies like **Autonics** or similar industrial automation providers. These devices are designed for precision measurement and display of electrical signals in industrial environments. --- ### 1. Key Technical Specifications The part number "M2UDS-50-R" can be broken down to understand its core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Device Type** | Digital Multi-Meter / Panel Meter | | **Input Signal** | Universal DC (Current or Voltage) | | **Power Supply** | 100–240VAC (Standard for most industrial grids) | | **Display Digits** | 4-digit or 5-digit LED (Model specific) | | **Output Type** | Relay Output (The "R" suffix usually denotes a relay contact) | | **Accuracy** | Approximately ±0.1% of Full Scale | --- ### 2. Electronic Components & Internal Architecture The M2UDS-50-R consists of several critical electronic sub-systems: * **A/D Converter (Analog-to-Digital):** This is the heart of the unit. It converts the incoming analog signal (e.g., 4-20mA or 0-10V) into a digital value that the microprocessor can process. * **Microcontroller Unit (MCU):** Performs scaling, offset calculations, and manages the logic for alarm triggers. * **Isolation Circuitry:** High-quality industrial meters use optical or galvanic isolation to prevent high-voltage spikes on the input side from damaging the internal logic or the output circuits. * **Relay Driver:** Since this is the "R" (Relay) version, it includes an electromagnetic relay capable of switching external loads (e.g., turning on a fan or a siren when a threshold is met). * **SMPS (Switched Mode Power Supply):** An internal module that converts the 100-240VAC input into regulated DC voltages (5V, 12V) for the internal components. --- ### 3. Wiring and Pin Configuration Typically, the back of the M2UDS-50-R features screw terminals organized into functional groups: 1. **Power Terminals:** AC input (L, N). 2. **Input Terminals:** Terminals for measuring High/Low voltage or Current loops. 3. **Output Terminals:** Common (COM), Normally Open (NO), and Normally Closed (NC) contacts for the relay. --- ### 4. Comparison of Signal Inputs The device is versatile because it can be programmed to handle various electronic signal ranges: | Input Type | Common Ranges | | :--- | :--- | | **DC Voltage** | 0-10V, 0-5V, 1-5V, +/- 500mV | | **DC Current** | 4-20mA, 0-20mA | --- ### 5. Application Scenarios * **Process Monitoring:** Measuring the output of a pressure or temperature transmitter. * **Safety Interlocks:** Using the Relay output to shut down a machine if a voltage exceeds a safe limit. * **Signal Conversion:** Taking a raw sensor signal and displaying it in human-readable units (e.g., PSI, RPM, or Liters).
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching capacity of the relay in the M2UDS-50-R?
    • ⤷ Does this model support RS485 Modbus communication?
    • ⤷ How do you calibrate the scaling for a 4-20mA input?