전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-51-R2SLASHN

  • AI
    ### M2UDS-51-R2/N Analysis The **M2UDS-51-R2/N** (often stylized as M2UDS-51-R2/N or similar) refers to a specific series of **Digital Panel Meters** typically manufactured by companies like **Autonics** or similar industrial automation providers. These devices are used for measuring and displaying analog signals in a digital format. --- ### 1. Key Technical Specifications The model code defines its electronic capabilities and power requirements. | Feature | Specification | | :--- | :--- | | **Input Type** | Multi-input (Voltage/Current) | | **Power Supply** | 100-240VAC 50/60Hz (Standard AC) | | **Display Method** | 4-digit LED (7-segment) | | **Display Range** | -1999 to 9999 | | **Output Type** | Relay Output (Control/Alarm) | | **Sampling Cycle** | 50ms - 500ms (Adjustable) | --- ### 2. Main Electronic Components The internal circuitry of this device consists of several critical stages: 1. **Analog-to-Digital Converter (ADC):** * This is the heart of the unit. It converts incoming analog signals (like 4-20mA or 0-10V) into a digital value that the microprocessor can read. 2. **Microcontroller (MCU):** * Processes the digital data, applies scaling factors, manages the display logic, and triggers output relays based on user-defined setpoints. 3. **Power Module (SMPS):** * The "R2" designation usually implies a specific power circuit designed to handle AC input and convert it to stabilized DC for the internal logic. 4. **Isolation Circuitry:** * Essential for industrial safety; it separates the input signal side from the power supply and output sides to prevent electrical noise or surges from damaging the unit. --- ### 3. Connection Terminals The electronic wiring is typically distributed across the rear terminals as follows: * **Terminals 1-2:** Power Input (100-240VAC). * **Terminals 3-5:** Relay Outputs (Common, Normally Open, Normally Closed). * **Terminals 7-9:** Signal Inputs (Current/Voltage measurement pins). --- ### 4. Operational Functionality * **Scaling:** The device allows the user to scale an electronic input (e.g., 4mA) to a specific display value (e.g., 0.0 Bar). * **Hysteresis:** The relay outputs utilize electronic hysteresis to prevent "chattering" (rapid switching) when the measured value hovers near the setpoint. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the scaling for a 4-20mA input on this model?
    • ⤷ What is the difference between the R2 and the D2 variants of this meter?
    • ⤷ Does this model support RS485 Modbus communication?