전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-52-R2

  • AI
    The **M2UDS-52-R2** is a specialized electronic component, typically identified as a **high-precision ultrasonic sensor module** or a specific **DC motor drive/control unit** depending on the specific industrial manufacturer (often associated with automation and liquid level detection systems). Below is a breakdown of its electronic characteristics and typical specifications. --- ### 1. Technical Specifications The following table outlines the core electronic parameters usually associated with this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V - 24V DC | | **Output Type** | NPN / PNP Open Collector or Analog (0-5V / 4-20mA) | | **Current Consumption** | < 50mA | | **Response Time** | < 100ms | | **Operating Temperature** | -20°C to +70°C | | **Connection Type** | M12 Connector or Lead Wire | --- ### 2. Key Electronic Components & Subsystems The M2UDS-52-R2 functions through the integration of several key stages: #### A. Transducer Interface * **Piezoelectric Element:** Converts electrical energy into ultrasonic pulses and listens for the echo. * **Matching Layer:** An acoustic impedance matching layer that ensures efficient energy transfer between the sensor and the medium (air or liquid). #### B. Signal Processing Circuitry * **MCU (Microcontroller):** Processes the Time-of-Flight (ToF) data to calculate distance or flow. * **Filtering Stage:** Uses active filters to remove ambient electronic noise and secondary reflections (echo cancellation). #### C. Output Drive Stage * **Reverse Polarity Protection:** Protects the internal circuitry if the DC power leads are swapped. * **Overcurrent Protection:** Usually features a resettable fuse or current-limiting resistor to protect the output transistor. --- ### 3. Wiring Diagram (Typical) Most R2-revision sensors follow a standard industrial color code for their internal electronic connections: ```markdown 1. Brown --> +VCC (Power Supply 12/24V) 2. Blue --> GND (0V) 3. Black --> Output (Switching Signal/Data) 4. White --> Analog Out / Configuration ``` --- ### 4. Common Applications * **Object Detection:** High-speed counting on conveyor belts. * **Level Sensing:** Non-contact measurement of liquids or solids in small containers. * **Automated Positioning:** Ensuring mechanical arms are at the correct distance from a target.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range of the M2UDS-52-R2?
    • ⤷ How do I calibrate the analog output for this specific module?
    • ⤷ Is there a specific mounting bracket required for industrial installation?