전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-B1-R

  • AI
    The **M2UDS-B1-R** is a specific model within the **M2UDS Series** of digital panel meters manufactured by **M-System**. These devices are primarily used for process monitoring, signal conditioning, and displaying industrial measurements. --- ### 1. Model Code Breakdown Understanding the specific electronic configuration based on the model suffix: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **M2UDS** | Series | Ultra-slim Digital Panel Meter (1/8 DIN equivalent) | | **-B1** | Input Type | **4 – 20 mA DC** (Standard process loop) | | **-R** | Power Supply | **24V DC** (Operational range typically 24V ±10%) | --- ### 2. Core Electronic Components & Architecture The device functions through a series of internal electronic stages: #### A. Input Conditioning (The "B1" Stage) * **Precision Shunt Resistor:** Since the input is 4-20mA, the meter uses a low-drift precision resistor to convert current into a measurable voltage. * **A/D Converter:** A high-resolution Analog-to-Digital converter (typically 12-bit or higher) digitizes the signal for processing. #### B. The Controller & Display * **Microprocessor:** Manages the scaling of the 4-20mA signal into engineering units (e.g., 0-100% or 0-500 Liters). * **LED Display:** Features a 4-digit, red LED display. The electronics allow for programmable decimal point positions. * **EEPROM:** Non-volatile memory stores configuration settings (scaling, alarms) even when the 24V power is removed. #### C. Isolation & Power (The "-R" Stage) * **Galvanic Isolation:** The M2UDS features isolation between the input signal, the power supply, and the internal circuitry. This prevents ground loops and protects the electronics from surges. * **Voltage Regulator:** Converts the 24V DC input into stable low-voltage rails for the ICs and LED drivers. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Impedance** | Approx. 50 Ω | | **Accuracy** | ±0.1% of span ±1 digit | | **Power Consumption** | Approx. 0.7W | | **Insulation Resistance** | ≥ 100 MΩ with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Power) | --- ### 4. Terminal Configuration The back of the unit utilizes screw terminals for electronic integration: 1. **Terminals 1 & 2:** 24V DC Power Input. 2. **Terminals 4 & 5:** 4-20mA Current Input. 3. **Hold Terminal:** Allows freezing the display value via an external contact.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the scaling for a 4-20mA signal on this device?
    • ⤷ What are the mounting dimensions for the M2UDS series?
    • ⤷ Does the M2UDS-B1-R support Modbus or analog output options?