M2UDS-C3-R/N
AI

The **M2UDS-C3-R/N** is a specific model of an **Ultra-Slim Digital Panel Meter** manufactured by **M-System** (now part of MG CO., LTD). It is designed to measure and display DC voltage or current signals in an extremely compact form factor.
Below is a breakdown of its electronic specifications and technical characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | DC Voltage or DC Current (Variable depending on setup) |
| **Power Input (R)** | 24V DC (Standard for the 'R' designation) |
| **Display** | 3.5 digit red LED (Maximum display 1999) |
| **Mounting** | Ultra-slim surface mount (requires only a small hole) |
| **Output (N)** | No Alarms (Standard indication-only model) |
| **Accuracy** | ±0.1% rdg ±1 digit |
---
### 2. Part Number Breakdown
Understanding the suffix codes is essential for identifying the specific electronics inside:
* **M2UDS**: Series name (Ultra-slim Digital Panel Meter).
* **C3**: Indicates the display type (3.5 digit LED, approximately 10mm character height).
* **R**: Power Input code. **R** usually denotes **24V DC** power supply.
* **N**: Output code. **N** indicates **None** (No alarm outputs/relays).
---
### 3. Electronic Components & Internal Design
The M2UDS-C3 utilizes several core electronic subsystems to function:
#### A. Signal Conditioning Circuitry
This section uses high-precision resistors and operational amplifiers (Op-Amps) to scale the input signal (e.g., 4-20mA or 0-10V) down to a level that the internal Analog-to-Digital Converter (ADC) can process.
#### B. Analog-to-Digital Converter (ADC)
The "brain" of the measurement is typically a **Dual-Slope Integration ADC**. This method is preferred in industrial meters because it provides excellent rejection of 50/60Hz line noise, ensuring a stable display reading even in electrically noisy environments.
#### C. LED Driver & Display
The 3.5-digit red LED display is driven by a multiplexed driver circuit. This reduces power consumption and the number of traces required on the compact PCB.
* **"3.5 Digit"** means the first digit can only be '1' or blank, while the other three can be 0-9.
#### D. Power Isolation
Despite its slim profile, these units often include basic filtering and protection circuits to handle voltage spikes common in industrial 24V DC loops.
---
### 4. Connection Diagram (General)
Typical wiring for the M2UDS series involves 4 to 5 terminals:
```text
Terminal No. | Function
-------------|------------------
1 | + Input (Signal)
2 | - Input (Signal)
3 | + Power (24V DC)
4 | - Power (0V)
5 | NC (No Connection)
```
---
- ⤷
What are the specific input range options for the M2UDS-C3?
- ⤷ How is the scaling (zero and span) adjusted on this model?
- ⤷ What are the physical dimensions and panel cutout requirements for the M2UDS series?