전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-D0-R2

  • AI
    The **M2UDS-D0-R2** is a specific model within the **M2UDS Series** of Ultra-Slim Digital Panel Meters manufactured by **M-System** (now MG CO., LTD). This device is designed for space-saving applications where precise signal monitoring is required. --- ## 1. Core Technical Specifications The "D0-R2" suffix determines the input, output, and power configuration of the unit: | Component | Specification | Details | | :--- | :--- | :--- | | **Model Series** | M2UDS | Ultra-slim Digital Panel Meter | | **Input (D0)** | 0 – 10V DC | High impedance voltage input | | **Output (R)** | 4 – 20mA DC | Proportional analog retransmission | | **Power (2)** | 24V DC | Operational voltage range (±10%) | | **Display** | 3½ digits | Red LED (approx. 8mm height) | --- ## 2. Key Electronic Features ### A. Signal Conditioning & Conversion The unit acts as both a **display** and a **transducer**. * **A/D Converter:** It converts the 0-10V analog input into a digital signal for the LED display. * **D/A Converter:** It simultaneously converts the digital value back into a 4-20mA current loop for output to a PLC or DCS. ### B. Isolation Architecture To protect sensitive electronics and prevent ground loops, the M2UDS features **three-way isolation**: 1. Input to Output. 2. Input to Power. 3. Output to Power. *This is typically rated at 2000V AC for 1 minute.* ### C. Mechanical Form Factor * **Ultra-Slim Design:** The module is only **5.9 mm (0.23") wide**, making it one of the thinnest panel meters available. * **Mounting:** Designed for high-density DIN rail mounting. * **Connection:** Utilizes tension-clamp (spring-loaded) terminals for vibration resistance. --- ## 3. Adjustments and Calibration The front panel provides manual electronic calibration tools: * **Zero/Span Adjustments:** Small potentiometers (accessible via the front) allow for fine-tuning of the 4-20mA output relative to the 0-10V input. * **Scaling:** The 3½ digit display can be scaled to represent physical units (e.g., 0.00 to 10.00 or 0 to 100.0). --- ## 4. Typical Application Example In an industrial control cabinet, the M2UDS-D0-R2 would be used as follows: 1. **Input:** A pressure sensor sends a **0-10V** signal to the M2UDS. 2. **Display:** The operator sees the pressure value on the red LED display. 3. **Output:** The M2UDS converts that signal to a robust **4-20mA** signal to be sent over a long distance to a central control room.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on this specific model?
    • ⤷ What are the power consumption limits for the 24V DC version?
    • ⤷ Can this unit be used with a 4-wire transmitter setup?