전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-D5-R2/N

  • AI
    The **M2UDS-D5-R2/N** is a specific model within the **M2UDS Series** of Digital Potentiometers (also known as Electronic Potentiometers or Digital Setters) manufactured by **M-System** (now part of MG CO., LTD). This device is designed to interface between digital control signals (contact closures) and analog control circuits, effectively acting as a motorized potentiometer without the moving mechanical parts. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Series** | M2UDS (Ultra-Slim Signal Conditioner) | | **Power Input (D5)** | 24V DC | | **Output (R2)** | 0 – 100 $\Omega$ (Resistance Output) | | **Input Type** | Contact Input (UP / DOWN / RESET) | | **Control Logic (/N)** | Negative Logic (Common positive, sinks to ground) | | **Response Time** | Approx. 0.5 seconds | | **Mounting** | DIN Rail Mounting | --- ### 2. Functional Description of Electronic Parts #### A. Input Interface (Digital Control) The device features three primary digital inputs that control the internal resistance value: * **UP Signal:** Increases the output resistance. * **DOWN Signal:** Decreases the output resistance. * **RESET Signal:** Returns the output to a pre-defined starting value (usually 0% or a specific preset). * **Negative Logic (/N):** This specific version triggers the inputs when they are pulled to the common terminal (logic low). #### B. The Output Circuit (Electronic Potentiometer) Unlike a standard signal conditioner that outputs voltage (0-10V) or current (4-20mA), the **R2** designation indicates a **Resistance Output**. * It simulates a variable resistor (0 to 100 $\Omega$). * This is typically used to interface with older motor drives, valve positioners, or speed controllers that require a physical resistive bridge input. #### C. Internal CPU and Memory * **Microprocessor:** Manages the ramp rates (how fast the resistance changes when UP/DOWN is pressed). * **Non-Volatile Memory:** The device can be configured to "remember" its last position even after a power failure, ensuring the process resumes at the same resistance level. --- ### 3. Application Use-Case This part is commonly used in **Industrial Automation** for: 1. **Manual Speed Control:** Allowing an operator to press buttons on a panel to increase/decrease the speed of a VFD (Variable Frequency Drive). 2. **Remote Setpoint Adjustment:** Allowing a PLC to adjust an analog setpoint using discrete digital outputs. 3. **Legacy System Retrofitting:** Replacing old mechanical potentiometers that have worn out with a solid-state electronic equivalent. --- ### 4. Wiring Diagram Overview (Simplified) ```text [ Power ] Terminal 4 (+) & 5 (-) : 24V DC [ Input ] Terminal 1: UP | Terminal 2: DOWN | Terminal 3: RESET | Terminal 6: COM [ Output] Terminal 7, 8, 9 : Simulates Potentiometer Terminals (CW, Slider, CCW) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the resistance output on the R2 model?
    • ⤷ Can the ramp speed (rate of change) be adjusted on the M2UDS?
    • ⤷ Does the /N negative logic version require a specific type of PLC output (Sinking or Sourcing)?