전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-F4-R2/CE

  • AI
    The **M2UDS-F4-R2/CE** is a high-precision, digital panel-mount signal conditioner and alarm setter manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation to monitor DC input signals and trigger relay outputs based on setpoint comparisons. --- ### 1. General Specifications The model name can be broken down to understand its core electronic capabilities: | Feature | Specification | | :--- | :--- | | **Model Series** | M2UDS (Digital Alarm Setter) | | **Input Type** | DC Current or Voltage (Programmable) | | **Output Type** | Relay Contact (2 points) | | **Configuration** | Front-panel programmable with LED display | | **Power Input** | 100 – 240V AC (Standard for /CE models) | --- ### 2. Key Electronic Components & Functions #### A. Signal Input Stage The device features a high-impedance input stage designed to handle standard industrial signals: * **Voltage Inputs:** Typically ranges like 0-10V DC, 1-5V DC. * **Current Inputs:** Typically 4-20mA DC (usually requires a shunt resistor). * **A/D Converter:** Converts the analog process variable into a digital value for the microprocessor to analyze. #### B. The Microprocessor & Display * **Logic Engine:** The internal CPU compares the digitized input against user-defined setpoints (Hi/Lo limits). * **4-Digit LED:** Provides real-time visual feedback of the process value and parameter settings. * **Non-Volatile Memory:** Stores configuration and setpoint data so settings are not lost during power failure. #### C. Output Relay Stage The "R2" designation indicates the relay configuration: * **Dual Trip Points:** Provides two independent relay outputs (typically SPDT). * **Switching Capacity:** Usually rated for 250V AC @ 3A or 30V DC @ 3A (resistive load). * **Adjustable Hysteresis:** Electronic "deadband" settings prevent relay chatter when the input signal oscillates near the setpoint. #### D. Power & Isolation * **Galvanic Isolation:** The device provides 3-way isolation (Input to Output to Power). This prevents electrical noise or ground loops from damaging sensitive upstream controllers. * **CE Marking:** The "/CE" suffix confirms the electronic components meet European safety and Electromagnetic Compatibility (EMC) standards. --- ### 3. Application Summary The M2UDS-F4-R2/CE acts as an electronic "watchdog." If a sensor signal (like pressure or temperature) exceeds a safe limit, the internal electronics trigger the mechanical relays to: 1. Sound an audible alarm. 2. Shut down a motor or pump. 3. Send a digital signal to a PLC.
    ✨ Follow-up Questions
    • ⤷ How do I wire a 4-20mA sensor to the M2UDS-F4-R2/CE?
    • ⤷What is the difference between the R2 and R4 output configurations?
    • ⤷How do I set the Hi/Lo alarm setpoints using the front panel buttons?