전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-FW0-R2

  • AI
    The **M2UDS-FW0-R2** belongs to the **M2UDS series** of digital indicators/transmitters manufactured by **M-System** (a Japanese automation components specialist). These devices are typically used in industrial signal conditioning to convert analog inputs into digital readouts and secondary analog/relay outputs. --- ## 1. Core Technical Specifications The "M2UDS-FW0-R2" model code identifies specific electronic components and configurations: | Component Category | Specification | Description | |:---|:---|:---| | **Input Signal** | Universal Input | Typically supports DC voltage or current signals. | | **Output 1** | 4 – 20 mA DC | Linear analog output for PLCs or controllers. | | **Output 2** | None | This specific code indicates a single output model. | | **Power Input** | 100 – 240V AC | Wide-range AC power supply (the "R2" designation). | | **Display Type** | 4-digit LED | High-visibility red LED for process value monitoring. | --- ## 2. Electronic Hardware Architecture The internal circuitry of the M2UDS-FW0-R2 is divided into several functional blocks: ### A. Microprocessor Control The heart of the unit is a **Microcontroller (MCU)** that handles: * Digital scaling of the raw analog input. * Linearization of non-linear signals. * Driving the 7-segment LED display. * User-defined parameter storage (via non-volatile memory). ### B. Signal Conditioning (Isolation) One of the most critical electronic features of this part is **Galvanic Isolation**. It provides three-way isolation between: 1. **Input** (Sensor/Transmitter) 2. **Output** (PLC/DCS) 3. **Power Supply** *This prevents ground loops and protects sensitive downstream equipment from high-voltage surges.* ### C. A/D and D/A Conversion * **Analog-to-Digital Converter:** Converts the incoming process signal (e.g., 4-20mA) into digital data for the microprocessor. * **Digital-to-Analog Converter:** Re-converts the processed digital value back into an isolated 4-20mA signal for the secondary loop. --- ## 3. Wiring and Physical Interface The unit uses a **11-pin base socket** (standard for M-System M2 series) for electronic connections: | Pin Number | Function | |:---|:---| | **1 & 11** | Power Supply (L & N) | | **4 & 5** | Analog Input (+ / -) | | **9 & 10** | Analog Output (+ / -) | --- ## 4. Key Performance Features * **Response Time:** Usually $\leq$ 0.5 seconds. * **Accuracy:** $\pm$ 0.1% of the span. * **Temperature Coefficient:** Minimal drift (approx. 0.015% per °C). * **Housing:** Flame-resistant black resin (UL94V-0).
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the M2UDS-FW0-R2 using the front panel buttons?
    • ⤷ What are the specific wiring differences between the R (AC) and R2 (DC) power models?
    • ⤷ Can this unit handle thermocouple or RTD inputs directly?