M2UDS-J5-R2
AI

The **M2UDS-J5-R2** is a specific model within the **M2 Series** of ultra-compact, plug-in signal conditioners manufactured by **M-System** (now part of MG CO., LTD).
This particular unit is an **RTD Transmitter**. Its primary function is to accept a signal from a Resistance Temperature Detector (RTD) and convert it into a standardized isolated DC voltage or current signal.
---
### 1. Model Code Breakdown
The alphanumeric suffix defines the specific hardware configuration of the unit:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M2UDS** | Model Series | Ultra-slim Signal Conditioner (RTD Input) |
| **J5** | Input Type | Pt 100 (ITS-90) RTD input |
| **R** | Power Input | 24V DC power supply |
| **2** | Output Type | 4 – 20 mA DC (Current Loop) |
---
### 2. Key Electronic Specifications
The internal electronics are designed for industrial precision and noise rejection.
* **Input (RTD):** Designed for 3-wire Pt 100 sensors. It applies a small excitation current to measure resistance changes without self-heating the sensor.
* **Burnout Protection:** The device includes circuitry to detect a broken wire in the RTD. It can be configured to drive the output "Upscale" (max mA) or "Downscale" (min mA) upon sensor failure.
* **Isolation:** Features **3-way isolation**. This means the Input, Output, and Power circuits are electrically separated (usually up to 2000V AC). This prevents ground loops and protects sensitive PLC/DCS inputs.
* **Accuracy:** Typically ±0.1% of span, ensuring high-fidelity data transmission in process control.
---
### 3. Physical & Connection Interface
The "M2" series is known for its "Plug-in" base construction, allowing the electronics to be replaced without disturbing the permanent wiring.
* **Housing:** Slim-line profile (29mm width) for DIN-rail mounting.
* **Terminal Block:** M3.5 screw terminals located on the base socket.
* **Adjustments:** Front-facing Zero and Span adjustments (trimmer potentiometers) for field calibration.
---
### 4. Application Circuit Example
Below is a simplified representation of how the M2UDS-J5-R2 is integrated into a system:
```text
[ RTD Sensor ] ----> [ M2UDS-J5-R2 ] ----> [ PLC / Controller ]
(Temp Input) (Signal Isolator) (4-20mA Analog In)
^
|
[ 24V DC Power ]
```
---
### Summary Table
| Feature | Specification |
| :--- | :--- |
| **Input Sensor** | Pt 100 (3-wire) |
| **Output Signal** | 4 to 20 mA DC |
| **Supply Voltage** | 24V DC (±10%) |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Mounting** | DIN Rail (via socket) |
- ⤷
How do I calibrate the zero and span on the M2UDS-J5-R2?
- ⤷ What is the difference between 2-wire and 3-wire RTD wiring for this module?
- ⤷ Can this module be used with a Pt 1000 sensor instead of Pt 100?