M2UDS-JB-R2/CE
AI

The **M2UDS-JB-R2/CE** is a high-performance **Digital Potentiometer (Remote Control) Signal Conditioner** manufactured by **M-System**. It is part of the M2 Series (Mini-M) and is designed to accept inputs from a remote potentiometer and convert them into standard analog signals (such as 4–20 mA or 1–5 V DC).
---
## 1. Technical Specifications
The device is characterized by its compact, plug-in design and high reliability for industrial automation.
| Feature | Specification |
|:--- |:--- |
| **Model Series** | M2 Series (Mini-M) |
| **Input Type** | External Potentiometer (Remote Up/Down Control) |
| **Output Type** | DC Voltage or Current (Factory Configurable) |
| **Power Supply** | 100 – 240V AC (Standard for /CE models) |
| **Output Accuracy** | ±0.1% |
| **Response Time** | ≤ 0.5 seconds (0 to 90%) |
| **Mounting** | DIN Rail Mounting (Surface or Socket) |
---
## 2. Key Electronic Components & Functionality
The M2UDS serves as an interface between manual control inputs and automated control systems.
### A. Input Stage (Up/Down Pulse)
The "UDS" designation indicates an **Up/Down Signal** interface. Instead of a physical knob, this unit typically receives dry contact closures or open collector signals:
* **UP Command:** Increases the output signal level.
* **DOWN Command:** Decreases the output signal level.
### B. Signal Conditioning Circuitry
* **Isolation Transformer:** Provides galvanic isolation (typically 2000V AC) between input, output, and power terminals. This prevents ground loops and protects sensitive PLC/DCS equipment.
* **A/D and D/A Converters:** The unit digitizes the input count to maintain high precision and then converts it back to a smooth analog output.
* **Non-Volatile Memory:** In the event of a power failure, the device remembers the last output position and restores it once power is returned.
### C. Output Stage
The "R2" in the model code often denotes the power input version (High voltage AC), while the output is typically a low-impedance voltage or a high-impedance current loop.
---
## 3. Terminal Connection Diagram (General)
The unit uses a standard 8-pin or 11-pin base.
```text
Terminal | Function
---------|---------------------------
1 | Output (+)
2 | Output (-)
3 | UP Input
4 | DOWN Input
5 | Common (Input)
7 | Power (L / +)
8 | Power (N / -)
```
---
## 4. Specific Suffix Meanings
* **JB:** Refers to specific input/output ranges (Commonly 4-20mA or 1-5V).
* **R2:** Power input specification (100–240V AC).
* **CE:** Indicates compliance with European Safety and EMC standards, ensuring low electromagnetic interference.
- ⤷
What are the specific step-up/step-down rates for the output signal?
- ⤷ Can this unit be used with a 24V DC power supply instead of AC?
- ⤷ How do I perform a zero/span calibration on this model?