전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-K6-R2/N

  • AI
    The **M2UDS-K6-R2/N** is a specific model within the **M2UDS Series** of digital speedometers/tachometers, typically manufactured by companies like **Nippon Seiki** or **Defi**. These units are designed for automotive or industrial engine monitoring. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Model Code** | M2UDS-K6-R2/N | | **Input Type** | Pulse Signal (Frequency-based) | | **Operating Voltage** | 12V DC (Typical automotive range 10V-16V) | | **Display Type** | Digital Segmented LED / LCD | | **Signal Source** | Ignition Coil, ECU, or Crankshaft Sensor | | **Mounting Style** | Panel Mount / Flush Mount | --- ### 2. Core Electronic Components The device operates using several key electronic subsystems: #### A. Signal Processing Unit (MCU) The heart of the unit is a **Microcontroller (MCU)**. It performs the following functions: * **Pulse Counting:** It measures the frequency of the incoming square wave or sine wave signals from the engine. * **Calculation:** It converts frequency ($Hz$) into Revolutions Per Minute ($RPM$) or Speed ($KPH/MPH$) based on pre-set calibration constants. #### B. Input Signal Conditioner Since automotive signals are "noisy" and can have high voltage spikes (Inductive flyback), the unit contains: * **Opto-isolators or Zener Diodes:** To protect the internal logic from voltage surges. * **Schmitt Trigger:** To clean up noisy analog signals into crisp digital pulses that the MCU can read accurately. #### C. Power Regulation Stage To ensure stable operation despite battery fluctuations, it includes: * **LDO (Low Dropout Regulator):** Regulates the 12V vehicle power down to 5V or 3.3V for the digital chips. * **Filtering Capacitors:** Electrolytic and ceramic capacitors to reduce Electromagnetic Interference (EMI). #### D. Display Driver The unit uses a dedicated **LED Driver IC** (often using SPI or I2C communication) to manage the segments of the display without taxing the main processor's resources. --- ### 3. Connection Pinout Logic (Typical) While specific wire colors vary by harness, the electronic interface usually follows this logic: 1. **VCC (+12V):** Switched power from the ignition. 2. **GND (0V):** Chassis ground. 3. **SIG (Signal):** The pulse input from the sensor or ECU. 4. **ILL (Illumination):** Dims the display when vehicle headlights are turned on. --- ### 4. Application Usage This specific "K6" variant is often calibrated for **6-cylinder engines** or specific pulse-per-mile ratios. The "R2" suffix usually denotes a revision in the hardware circuit for better thermal resistance or updated firmware for signal filtering.
    ✨ Follow-up Questions
    • ⤷ What is the specific pulse-per-revolution (PPR) setting for the K6 model?
    • ⤷ How do I troubleshoot a 'no signal' reading on this unit?
    • ⤷ Can this model be used with a 24V electrical system?