전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS-Z2-R

  • AI
    The **M2UDS-Z2-R** is a specific model within the **M2 Series** of signal conditioners manufactured by **M-System**. This device is a high-performance **Digital Potentiometer Transmitter** designed to convert a potentiometer resistance input into a standard DC output signal. --- ### ## 1. Part Number Breakdown Understanding the specific electronics involves decoding the model code: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **M2UDS** | Model Name | Potentiometer Transmitter (Plug-in base) | | **Z2** | Input Range | Total resistance 100 $\Omega$ to 10 k$\Omega$ | | **R** | Power Input | 24V DC power supply | --- ### ## 2. Core Electronic Functions The M2UDS-Z2-R acts as a bridge between mechanical sensors (like valves or positioners) and control systems (PLCs/DCS). * **Resistance Measurement:** It applies a constant voltage across the external potentiometer and measures the wiper position (voltage ratio). * **Signal Isolation:** It provides **3-way isolation** between the Input, Output, and Power circuits. This prevents ground loops and protects sensitive PLC inputs from electrical surges. * **Linearization:** It converts the physical position of the potentiometer into a strictly linear electrical output (e.g., 4-20mA or 1-5V DC). --- ### ## 3. Technical Specifications Below are the primary electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Input Signal** | 100 $\Omega$ to 10 k$\Omega$ (Potentiometer) | | **Minimum Span** | 10% of total resistance | | **Output Signal** | Variable (Standard is usually 4-20mA or 1-5V DC) | | **Accuracy** | $\pm$0.1% | | **Response Time** | $\leq$ 0.5 seconds (0 to 90%) | | **Insulation Resistance** | 100 M$\Omega$ minimum at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) | --- ### ## 4. Installation & Wiring Block Diagram The unit is a "plug-in" type, meaning the electronic housing can be removed from the base without disconnecting the wiring. ```text POTENTIOMETER M2UDS-Z2-R CONTROL SYSTEM (Sensor) (Transmitter) (PLC / Display) +-------+ +-------------+ +-------------+ | CW |------------>| Input (CW) | | | | Wiper |------------>| Input (S) |------->| DC Output | | CCW |------------>| Input (CCW) | | | +-------+ +-------------+ +-------------+ ^ | [ 24V DC Power ] ``` --- ### ## 5. Key Electronic Components * **Zero/Span Adjustments:** Located on the front panel, these allow the user to calibrate the electronic "Zero" (0% position) and "Span" (100% position) without needing a PC. * **Operational Amplifiers (Op-Amps):** Used for precision signal scaling and noise filtering. * **Isolation Transformer:** Provides the galvanic isolation for the power and signal paths.
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance for the output signal of the M2UDS-Z2-R?
    • ⤷ How do you calibrate the Zero and Span settings on this specific model?
    • ⤷ Can this device be used with a 2-wire potentiometer setup?