전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-00-R2/N

  • AI
    The **M2UDS2-00-R2/N** is a specialized electronic component, typically categorized as a **Liquid Leakage Sensor** or **Leakage Sensing Amplifier**, often used in industrial automation and safety monitoring systems. ### 1. General Specifications This device acts as a relay or controller that detects a change in electrical resistance when liquid bridges two sensing electrodes. | Feature | Specification | | :--- | :--- | | **Model** | M2UDS2-00-R2/N | | **Component Type** | Liquid Leakage Sensing Amplifier | | **Input Supply** | Usually 12-24V DC or specific AC ranges (Check label) | | **Output Type** | Relay Contact (SPDT or DPDT) | | **Response Time** | High speed (typically < 80ms) | | **Mounting** | DIN Rail or Plug-in Socket (8-pin/11-pin) | --- ### 2. Electronic Operating Principles The device functions based on the principle of **conductive sensing**: 1. **Sensing Circuit:** The unit sends a small, low-voltage signal to an external probe or sensing band. 2. **Detection:** When liquid (water, chemicals, etc.) touches the probe, the circuit completes, changing the resistance. 3. **Amplification:** The internal circuitry (the "Amplifier" part) detects this resistance drop and triggers the internal electromagnetic relay. 4. **Isolation:** The input sensing circuit is electronically isolated from the power supply and output contacts to prevent electrical noise or shocks. --- ### 3. Connection and Pinout (General Layout) While you should always verify with the physical wiring diagram on the casing, these units typically follow this structure: | Pin Category | Description | | :--- | :--- | | **Power Supply** | Connects to the main DC or AC source to power the internal logic. | | **Sensing Terminals** | Connects to the sensing ribbon or probe (E1, E2). | | **Relay Contacts** | **Common (COM)**, **Normally Open (NO)**, and **Normally Closed (NC)** terminals used to trigger alarms or shut off valves. | --- ### 4. Key Applications * **Data Centers:** Detecting water leaks under raised floors. * **Semiconductor Manufacturing:** Monitoring chemical leaks in cleanrooms. * **HVAC Systems:** Detecting condensation pan overflows. * **Industrial Tanks:** High-level or overflow safety shut-offs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the R2/N variant?
    • ⤷ How do I wire a sensing band to this controller?
    • ⤷ What is the difference between the R2 and R1 versions of this part?