전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-14-R2SLASHQ

  • AI
    The model number **M2UDS2-14-R2/Q** refers to a specific configuration of a high-performance **Magnetic Encoder System**, typically manufactured by companies like **RLS** (a Renishaw associate). This part is used for precision motion control and feedback. ### 1. Breakdown of Technical Specifications The nomenclature of this part number defines its physical and electrical characteristics: | Component | Specification Details | | :--- | :--- | | **Series** | **M2UDS**: Miniature magnetic incremental encoder system. | | **Size/Form Factor** | **14**: Refers to the physical diameter or mounting scale size (14mm). | | **Resolution/Interface** | **R2**: Typically indicates the resolution or interpolation factor (e.g., 2µm or a specific binary count). | | **Special Modifier** | **Q**: Often denotes a specific output type (Quadrature) or a customized quality/temperature rating. | --- ### 2. Key Electronic Components & Functions A magnetic encoder of this type consists of several sophisticated electronic subsystems integrated into a small readhead: #### A. Hall Effect Sensor Array The "heart" of the device. It contains multiple Hall elements that detect the change in magnetic flux density as the readhead moves over a magnetic scale (ring or track). #### B. Signal Processing ASIC Since the raw magnetic signal is sinusoidal, an internal Application-Specific Integrated Circuit (ASIC) performs several tasks: * **Amplification:** Boosting weak magnetic signals. * **Interpolation:** Dividing the magnetic period into smaller increments to increase resolution. * **Error Correction:** Monitoring signal amplitude and offset to ensure accuracy despite minor mounting misalignments. #### C. Output Interface The electronic output is usually **Digital Quadrature (A, B, Z)**: * **A and B channels:** Two square waves shifted by 90° to determine position and direction. * **Z channel:** A reference mark (index) for homing the system. * **Line Drivers:** RS422 compliant drivers are often used to ensure signal integrity over long cable lengths. --- ### 3. Electrical Characteristics Below are the typical electronic operating parameters for this class of encoder: | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage** | 5V DC ± 5% | | **Current Consumption** | < 50mA (unloaded) | | **Output Type** | TTL / RS422 (Differential) | | **Maximum Frequency** | Up to 1 MHz or higher depending on resolution | | **Operating Temp** | -40°C to +100°C (Industrial Grade) | --- ### 4. Applications The M2UDS2 series is designed for environments where optical encoders might fail due to dirt, dust, or oil. * **Robotics:** Joint position feedback in robotic arms. * **Medical Equipment:** Precise positioning in scanners or surgical tools. * **Motor Feedback:** Integrated into BLDC motors for high-speed commutation. ---
    ✨ Follow-up Questions
    • What is the difference between this magnetic encoder and an optical encoder?
    • How do I wire the RS422 differential outputs to a microcontroller?
    • What is the specific interpolation factor for the R2 designation in this series?