전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-15-R

  • AI
    The **M2UDS2-15-R** is a specific model within a series of industrial **Signal Conditioners** (specifically an Isolation Transmitter/Isolator) typically manufactured by companies like **M-System**. These devices are used in industrial automation to interface between field sensors and control systems (PLC/DCS) to ensure signal integrity and safety. --- ## 1. Technical Specifications The model code `M2UDS2-15-R` breaks down into specific electronic parameters: | Component Code | Parameter | Description | | :--- | :--- | :--- | | **M2UDS2** | Model Series | Ultra-slim Signal Conditioner (Dual Output) | | **1** | Input Signal | Usually 4–20 mA DC (Current) | | **5** | Output 1 | 4–20 mA DC | | **R** | Power Input | 24V DC | --- ## 2. Key Electronic Functions ### A. Galvanic Isolation This is the primary function of the device. It electronically separates the input circuit, the output circuit, and the power supply. * **Purpose:** Prevents ground loops, protects sensitive equipment from high-voltage surges, and reduces electrical noise. * **Isolation Strength:** Typically provides isolation up to 2000V AC. ### B. Signal Conversion & Linearization The internal circuitry takes an analog input (e.g., from a flow meter or pressure sensor) and reproduces it at the output terminal. * **Accuracy:** High-precision resistors and operational amplifiers ensure the signal is mirrored with minimal error (usually $\pm 0.1\%$). * **Dual Output:** This specific model often supports two independent outputs from a single input, allowing one signal to go to a local display and the other to a central PLC. ### C. Power Management The "R" designation signifies it runs on **24V DC**. * **Protection:** Includes reverse polarity protection and surge suppression to prevent the internal electronics from burning out if wired incorrectly. --- ## 3. Physical & Internal Construction * **Housing:** DIN-rail mountable, ultra-slim design (approx. 12.5mm width) to save cabinet space. * **Terminals:** M3 screw terminals for secure industrial wiring. * **Status Indicator:** Usually features a front-facing LED to indicate power status or error states. ### Internal Diagram Block (Conceptual) ```text [Input Terminal] -> [Surge Prot.] -> [A/D Converter/Isolator] -> [D/A Converter] -> [Output Terminal] ^ [Power Supply] ``` --- ## 4. Typical Applications 1. **Ground Loop Elimination:** When the sensor and the PLC are at different ground potentials. 2. **Signal Splitting:** Sending one 4-20mA signal to two different receivers without losing current strength. 3. **Noise Filtering:** Acting as a buffer in high-EMI (Electromagnetic Interference) environments.
    ✨ Follow-up Questions
    • ⤷What is the difference between a signal isolator and a signal converter?
    • ⤷ How do I wire the M2UDS2-15-R for a 4-20mA loop?
    • ⤷ Can this model be used with a 110V AC power source?