전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-15-R/N

  • AI
    The **M2UDS2-15-R/N** is a specific part number typically associated with **M-System (now MG CO., LTD)**, a renowned manufacturer of signal conditioners and interface modules. This specific model belongs to the **M2 Series** and functions as a **Potentiometer Transmitter**. --- ## 1. Functional Specification The primary role of this electronic part is to sense the position of a potentiometer (a variable resistor) and convert that resistance value into a standardized, isolated DC output signal. ### Technical Breakdown of Part Number | Code | Section | Description | | :--- | :--- | :--- | | **M2** | Series | M2 series ultra-slim signal conditioners | | **UDS2** | Function | Potentiometer Transmitter | | **15** | Input Type | Total resistance $100\ \Omega$ to $10\ \text{k}\Omega$ | | **R** | Power Input | 24V DC power supply | | **N** | Output Type | 0 – 10V DC output | --- ## 2. Key Electronic Features The internal circuitry involves several critical electronic stages to ensure accuracy and isolation: * **Reference Voltage Source:** The module provides a stable excitation voltage across the external potentiometer to measure the wiper position. * **Galvanic Isolation:** It features 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. * **Signal Conversion:** * **Input:** 0% to 100% of the potentiometer resistance. * **Output:** 0 to 10V DC (Standardized signal). * **Burnout Protection:** The device typically includes a burnout feature that forces the output to a specific level (High or Low) if the potentiometer wire breaks. --- ## 3. Physical & Technical Specifications | Parameter | Specification | | :--- | :--- | | **Construction** | Plug-in style (mounted on a base) | | **Housing Material** | Flame-resistant resin (Black) | | **Isolation Resistance** | 100 M$\Omega$ or more at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Accuracy** | $\pm 0.1\%$ of span | | **Temperature Coefficient** | $\pm 0.015\%$ per degree Celsius | --- ## 4. Typical Application This part is commonly used in industrial automation for: 1. **Valve Position Feedback:** Monitoring the opening percentage of a motorized valve. 2. **Actuator Control:** Determining the linear or rotary position of an arm. 3. **Level Measurement:** Using a float-operated potentiometer to gauge tank levels. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for connecting the M2UDS2-15-R/N to a PLC?
    • ⤷ How do I calibrate the zero and span adjustments on this module?
    • ⤷ Can this module be used with a 4-20mA output instead of 0-10V?