전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-21-R2

  • AI
    The **M2UDS2-21-R2** is a specific electronic component belonging to the category of **DC-DC Converter Modules**, typically utilized in industrial and telecommunications applications. It is designed to convert a DC input voltage into a regulated DC output voltage with high efficiency. --- ### 1. Key Technical Specifications Based on the standard parameters for this series, here are the technical highlights: | Feature | Specification | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter | | **Mounting Type** | PCB Mount (Through-Hole) | | **Nominal Input Voltage** | 24V DC (Range: 18V - 36V) | | **Output Voltage** | 12V DC (Regulated) | | **Output Current** | ~2.1A (Approximate, model dependent) | | **Efficiency** | >85% | | **Isolation Voltage** | 1500V DC (Input to Output) | --- ### 2. Electronic Architecture The internal circuitry of the M2UDS2-21-R2 consists of several critical stages: 1. **Input Filter:** A network of capacitors and inductors (LC filter) designed to suppress electromagnetic interference (EMI) and handle input surges. 2. **Switching Controller (PWM):** Uses Pulse Width Modulation to drive a power MOSFET, converting DC into a high-frequency square wave. 3. **Isolation Transformer:** Steps the voltage up or down while providing galvanic isolation, ensuring the input and output grounds remain separate for safety. 4. **Rectification & Smoothing:** Fast-recovery diodes and low-ESR capacitors convert the transformer output back into a stable DC signal. 5. **Feedback Loop:** Uses an optocoupler to monitor the output voltage and adjust the PWM controller in real-time to maintain regulation. --- ### 3. Application Use-Cases This part is commonly found in environments where power stability is critical: * **Industrial Automation:** Powering PLCs and sensors from a 24V factory bus. * **Telecommunications:** Converting battery bank voltages for logic circuits. * **Embedded Systems:** Providing isolated power to sensitive microcontrollers to prevent ground loop noise. --- ### 4. Implementation Example (Pinout Logic) While pinouts can vary by manufacturer, the standard 2" x 1" or 1" x 1" module footprint usually follows this logic: ```cpp // Schematic Pin Mapping (Typical) Pin 1: +Vin (Positive Input) Pin 2: -Vin (Negative Input/Ground) Pin 3: Remote ON/OFF (Optional Control) Pin 4: +Vout (Positive Output) Pin 5: -Vout (Negative Output) Pin 6: Trim (Adjust Output Voltage) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for this module?
    • ⤷ Can the output voltage be adjusted using the 'Trim' pin?
    • ⤷ What are the recommended external capacitors for EMI filtering?