M2UDS2-4W0-R
AI

The **M2UDS2-4W0-R** is a specific model of an **Industrial Limit Switch** (or Micro Switch) typically produced by manufacturers like Omron or similar industrial component suppliers. This specific part number refers to a sub-assembly or a complete unit within a modular switch series.
---
### ๐ ๏ธ Key Specifications and Parts
The components of this electronic switch are designed for high reliability in automation and control circuits.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Pushbutton Limit Switch / Micro Switch |
| **Contact Form** | DPDT (Double Pole Double Throw) |
| **Operation Type** | Momentary (Spring Return) |
| **Illumination** | Non-illuminated (Standard mechanical) |
| **Terminal Type** | Solder Terminals / Quick Connect |
| **Actuator Style** | Round / Square Plunger (depending on housing) |
---
### ๐ Technical Breakdown
#### 1. Contact Mechanism (DPDT)
The "4W" in the part number often signifies the contact arrangement. A **Double Pole Double Throw** configuration allows the switch to control two separate independent circuits simultaneously.
* **Common (COM):** The input terminal.
* **Normally Open (NO):** Circuit is open until the button is pressed.
* **Normally Closed (NC):** Circuit is closed until the button is pressed.
#### 2. Electrical Ratings
Typically, these industrial switches are rated for:
* **Voltage:** 125V AC to 250V AC.
* **Current:** 5A to 10A (depending on the specific load type, inductive or resistive).
#### 3. Housing and Durability
* **Material:** High-grade thermoplastic or resin for insulation.
* **Mechanical Life:** Often rated for over 1,000,000 operations.
* **Environmental Protection:** Usually rated IP40 or higher, protecting internal electronic contacts from dust.
---
### ๐ Application Examples
The M2UDS2-4W0-R is commonly found in the following environments:
1. **Control Panels:** Used as a manual reset or start/stop button.
2. **Safety Interlocks:** Detecting if a machine guard or door is closed.
3. **Industrial Automation:** Signaling a PLC (Programmable Logic Controller) when a mechanical part reaches a specific position.
---
### ๐ Mounting Diagram Concept
```text
[ Actuator ] <-- User Presses This
_______|_______
| |
| (Contacts) |
| NO1 COM1 NC1| <-- Pole 1
| NO2 COM2 NC2| <-- Pole 2
|_______________|
| | |
(Terminals)
```
- โคท
What is the exact voltage and current rating for the M2UDS2-4W0-R?
- โคท How do I wire this switch for a Normally Closed (NC) configuration?
- โคท Is there an illuminated version of this specific switch model?